Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EG4208 Datasheet(PDF) 5 Page - Texas Instruments

Part # EG4208
Description  ADS1131REF and ADS1231REF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

EG4208 Datasheet(HTML) 5 Page - Texas Instruments

  EG4208 Datasheet HTML 1Page - Texas Instruments EG4208 Datasheet HTML 2Page - Texas Instruments EG4208 Datasheet HTML 3Page - Texas Instruments EG4208 Datasheet HTML 4Page - Texas Instruments EG4208 Datasheet HTML 5Page - Texas Instruments EG4208 Datasheet HTML 6Page - Texas Instruments EG4208 Datasheet HTML 7Page - Texas Instruments EG4208 Datasheet HTML 8Page - Texas Instruments EG4208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
EXC
-
SNS
-
SNS+
SIG+
SIG
-
EXC+
OUT+
EXC
-
SENSE
-
OUT
-
SENSE+
EXC+
OUT+
EXC
-
OUT
-
EXC+
1
2
3
4
5
6
OUT
-
EXC+
OUT+
EXC
-
SENSE+
SENSE
-
1
2
3
4
5
6
www.ti.com
Getting Started
1.4.2
Connecting a 6-Wire Load Cell to the Terminal Block
Figure 3 shows the connection of a 6-wire load cell to the terminal block. In this configuration, the load cell
is excited by the +5V power supply, and the ADC
’s reference is taken from the sense wire returning from
the load cell. The sense wire connects to the excitation wire at the bridge sensor.
Figure 3. 6-Wire Load Cell to Terminal Block
1.4.3
Connecting a 4-Wire Load Cell to the Header
Figure 4 shows the connection of a 4-wire load cell to the header. In this configuration, the load cell is
excited by the +5V power supply, and the ADC reference is taken from the power supply.
Figure 4. 4-Wire Load Cell to Header
For this configuration, the reference select switch must be in the +5VA position; the EXT position does not
work.
1.4.4
Connecting a 6-Wire Load Cell to the Header
Figure 5 shows the connection of a 6-wire load cell to the header. In this configuration, the load cell is
excited by the +5V power supply, and the ADC reference is taken from the sense wire returning from the
load cell. The sense wire connects to the excitation wire at the bridge sensor.
Figure 5. 6-Wire Load Cell to Header
For this configuration, the reference select switch should be in the EXT position for best performance. The
+5V position also works, but the device may not perform as well.
5
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - EG4208

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG4208 E-SWITCH-EG4208 Datasheet
656Kb / 6P
   SLIDE SWITCHES
EG4208 E-SWITCH-EG4208 Datasheet
1Mb / 15P
   SLIDE SWITCHES
EG4208A E-SWITCH-EG4208A Datasheet
656Kb / 6P
   SLIDE SWITCHES
EG4208A E-SWITCH-EG4208A Datasheet
1Mb / 15P
   SLIDE SWITCHES
More results

Similar Description - EG4208

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
   Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
   Supports SSDs and HDDs and tapedrives
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
FRM243910 FERROXCUBE-FRM243910 Datasheet
58Kb / 5P
   Frame and Bar cores and accessories
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Renesas Technology Corp
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
   ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com