Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4SK64KPU Datasheet(PDF) 11 Page - Texas Instruments

Part # TM4SK64KPU
Description  SYNCHRONOUS DYNAMIC RAM MODULES ??? SODIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4SK64KPU Datasheet(HTML) 11 Page - Texas Instruments

Back Button TM4SK64KPU Datasheet HTML 7Page - Texas Instruments TM4SK64KPU Datasheet HTML 8Page - Texas Instruments TM4SK64KPU Datasheet HTML 9Page - Texas Instruments TM4SK64KPU Datasheet HTML 10Page - Texas Instruments TM4SK64KPU Datasheet HTML 11Page - Texas Instruments TM4SK64KPU Datasheet HTML 12Page - Texas Instruments TM4SK64KPU Datasheet HTML 13Page - Texas Instruments TM4SK64KPU Datasheet HTML 14Page - Texas Instruments TM4SK64KPU Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TM4SK64KPU 4194304 BY 64BIT
TM8SK64KPU 8388608 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES SODIMM
SMMS691A − AUGUST 1997 − REVISED NOVEMBER 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
serial presence detect
The serial presence detect (SPD) is contained in a 2K-bit serial EEPROM located on the module. The SPD
nonvolatile EEPROM contains various data such as module configuration, SDRAM organization, and timing
parameters (see tables below). Only the first 128 bytes are programmed by Texas Instruments, while the
remaining 128 bytes are available for customer use. Programming is done through an IIC bus using the clock
(SCL) and data (SDA) signals. All Texas Instruments modules comply with the current JEDEC SPD Standard.
See the Texas Instruments Serial Presence Detect Technical Reference (literature number SMMU001) for
further details.
Tables in this section list the SPD contents as follow:
Table 1—TM4SK64KPU. Table 2—TM8SK64KPU.
Table 1. Serial-Presence-Detect Data for the TM4SK64KPU
BYTE
DESCRIPTION OF FUNCTION
TM4SK64KPU-10
TM4SK64KPU-12
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
0
Defines number of bytes written into serial memory
during module manufacturing
128 bytes
80h
128 bytes
80h
1
Total number of bytes of SPD memory device
256 bytes
08h
256 bytes
08h
2
Fundamental memory type (FPM, EDO, SDRAM, . . .)
SDRAM
04h
SDRAM
04h
3
Number of row addresses on this assembly
12
0Ch
12
0Ch
4
Number of column addresses on this assembly
8
08h
8
08h
5
Number of module banks on this assembly
1 bank
01h
1 bank
01h
6
Data width of this assembly
64 bits
40h
64 bits
40h
7
Data width continuation
00h
00h
8
Voltage interface standard of this assembly
LVTTL
01h
LVTTL
01h
9
SDRAM cycle time at maximum supported CAS latency
(CL), CL = X
tCK = 10 ns
A0h
tCK = 12 ns
C0h
10
SDRAM access from clock at CL = X
tAC = 7.5 ns
75h
tAC = 8 ns
80h
11
SODIMM configuration type (non-parity, parity, error
correcting code [ECC])
Non-Parity
00h
Non-Parity
00h
12
Refresh rate / type
15.6
µs/
self-refresh
80h
15.6
µs/
self-refresh
80h
13
SDRAM width, primary DRAM
x16
10h
x16
10h
14
Error-checking SDRAM data width
N/A
00h
N/A
00h
15
Minimum clock delay, back-to-back random column
addresses
1 CK cycle
01h
1 CK cycle
01h
16
Burst lengths supported
1, 2, 4, 8, full page
8Fh
1, 2, 4, 8, full page
8Fh
17
Number of banks on each SDRAM device
4 banks
04h
4 banks
04h
18
CAS latencies supported
2, 3
06h
2, 3
06h
19
CS latency
0
01h
0
01h
20
Write latency
0
01h
0
01h
21
SDRAM module attributes
Non-buffered/
Non-registered
00h
Non-buffered/
Non-registered
00h
22
SDRAM device attributes: general
VDD tolerance =
(
"10%),
Burst read / write,
precharge all,
auto precharge
0Eh
VDD tolerance =
(
"10%),
Burst read / write,
precharge all,
auto precharge
0Eh
23
Minimum clock cycle time at CL = X − 1
tCK = 15 ns
F0h
tCK = 15 ns
F0h


Similar Part No. - TM4SK64KPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
More results

Similar Description - TM4SK64KPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM2SJ64EPN TI1-TM2SJ64EPN Datasheet
678Kb / 45P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM2SJ64EPU TI1-TM2SJ64EPU Datasheet
527Kb / 34P
[Old version datasheet]   2097152 BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com