Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM2TR72EPH Datasheet(PDF) 3 Page - Texas Instruments

Part # TM2TR72EPH
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2TR72EPH Datasheet(HTML) 3 Page - Texas Instruments

  TM2TR72EPH Datasheet HTML 1Page - Texas Instruments TM2TR72EPH Datasheet HTML 2Page - Texas Instruments TM2TR72EPH Datasheet HTML 3Page - Texas Instruments TM2TR72EPH Datasheet HTML 4Page - Texas Instruments TM2TR72EPH Datasheet HTML 5Page - Texas Instruments TM2TR72EPH Datasheet HTML 6Page - Texas Instruments TM2TR72EPH Datasheet HTML 7Page - Texas Instruments TM2TR72EPH Datasheet HTML 8Page - Texas Instruments TM2TR72EPH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TM2TR64EPH, TM4TR64EPH
TM2TR72EPH, TM4TR72EPH
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS702B − JANUARY 1998 − REVISED APRIL 1998
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DUAL-IN-LINE MEMORY MODULE
( TOP VIEW )
TM4TR64EPH
( SIDE VIEW )
1
10
11
40
84
41
PIN NOMENCLATURE
A[0:10]
Row-Address Inputs
A[0:8]
Column-Address Inputs
A11/BA0
Bank-Select Zero
CAS
Column-Address Strobe
CB[0:7]
Check Bit In/Check Bit Out
CKE[0:1]
Clock Enable
CK[0:3]
System Clock
DQ[0:63]
Data-In / Data-Out
DQMB[0:7]
Data-In/Data-Out
Mask Enable
NC
No Connect
RAS
Row-Address Strobe
S[0:3]
Chip-Select
SA[0:2]
Serial Presence Detect (SPD)
Device Address Input
SCL
SPD Clock
SDA
SPD Address / Data
VDD
3.3-V Supply
VSS
Ground
WE
Write Enable
WP
SPD Write-Protect
TM2TR64EPH
( SIDE VIEW )


Similar Part No. - TM2TR72EPH

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM2-1 SYNERGY-TM2-1 Datasheet
246Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 1 - 600 MHz
TM2-GT SYNERGY-TM2-GT Datasheet
226Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1500 MHz
logo
MRV Communications, Inc...
TM2-SFP4G MRV-TM2-SFP4G Datasheet
1Mb / 2P
   LambdaDriver Multi-rate Module (TM2-SFP4G)
TM2-SFPPXFPFC8 MRV-TM2-SFPPXFPFC8 Datasheet
1Mb / 2P
   LambdaDriver 8Gbps FC Dual Transponder (TM2-SFPPXFPFC8)
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
   LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
More results

Similar Description - TM2TR72EPH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com