Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP32413 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP32413 Datasheet HTML 2Page - Vishay Siliconix SIP32413 Datasheet HTML 3Page - Vishay Siliconix SIP32413 Datasheet HTML 4Page - Vishay Siliconix SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix SIP32413 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 71437
S11-2472-Rev. B, 19-Dec-11
Vishay Siliconix
SiP32413, SiP32414, SiP32416
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Figure 11 - RDS(on) vs. Input Voltage
Figure 13 - SiP32414 and SiP32416 Output Pull Down
vs. Input Voltage
Figure 15 - Reverse Blocking Current vs. Output Voltage
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
60
62
64
66
68
70
72
I
O = 2 A
I
O = 1.5 A
I
O = 1 A
I
O = 0.5 A
I
O = 0.1 A
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
150
200
250
300
350
400
450
500
550
SiP32414 and SiP32416 only
V
IN = VOUT
V
OUT (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.01
0.1
1
10
100
1000
V
IN = 1.2 V
V
CNTRL = inactive
Figure 12 - RDS(on) vs. Temperature
Figure 14 - SiP32414 and SiP32416 Output Pull Down
vs. Temperature
Figure 16 - Reverse Blocking Current vs. Temperature
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
40
45
50
55
60
65
70
75
I
O = 0.1 A
V
IN = 5 V
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
205
210
215
220
225
230
235
SiP32414 and SiP32416 only
V
OUT = VIN = 5 V
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
10
100
1000
V
IN = 1.2 V
V
OUT = 5 V
V
CNTRL = inactive


Similar Part No. - SIP32413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413 Datasheet
2Mb / 12P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. A, 07-Mar-11
SIP32413 VISHAY-SIP32413 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
2Mb / 12P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. A, 07-Mar-11
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
More results

Similar Description - SIP32413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32413 VISHAY-SIP32413 Datasheet
2Mb / 12P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. A, 07-Mar-11
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. E, 22-Aug-11
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
   1.2 A Slew Rate Controlled Load Switch
01-Jan-2022
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
logo
SiGe Semiconductor, Inc...
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4252A ANALOGICTECH-AAT4252A Datasheet
664Kb / 14P
   Dual Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
   Dual Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com