Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R1H104K Datasheet(PDF) 8 Page - Texas Instruments

Part # C1608X7R1H104K
Description  ADS1131REF and ADS1231REF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608X7R1H104K Datasheet(HTML) 8 Page - Texas Instruments

Back Button C1608X7R1H104K Datasheet HTML 4Page - Texas Instruments C1608X7R1H104K Datasheet HTML 5Page - Texas Instruments C1608X7R1H104K Datasheet HTML 6Page - Texas Instruments C1608X7R1H104K Datasheet HTML 7Page - Texas Instruments C1608X7R1H104K Datasheet HTML 8Page - Texas Instruments C1608X7R1H104K Datasheet HTML 9Page - Texas Instruments C1608X7R1H104K Datasheet HTML 10Page - Texas Instruments C1608X7R1H104K Datasheet HTML 11Page - Texas Instruments C1608X7R1H104K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
m=
w
fs
c
-
c
fs
zs
Weigh Scale Mode
www.ti.com
2.1
Display
Weigh scale mode can display mass in these units:
μg (displayed as ug), g, kg, pounds (lb), stone (st),
and ounces (oz).(2)
Internally, mass is measured in grams, and calibration factors are stored in grams. At display time, grams
are converted to the desired display unit using the conversion factors given in Table 1.
xxx
(2)
The avoirdupois units used by the ADS1x31REF are equal in the imperial and U. S. customary systems.
Table 1. Unit Conversion Factors and Display Formats
Unit
Multiplier
Format
micrograms (
μg)
10
6
nnn.nnnug
milligrams (mg)
1000
nnn.nnnmg
grams (g)
1
nnn.nnng
kilograms (kg)
10
–3
nnn.nnnkg
ounces (oz)
0.035274
nnn.nnnoz
pounds (lb)
0.0022046
nnn.nnnlb
stone (st)
157.473
× 10
−6
nnstnn.nn
The display format for stone differs from the format used for the other units. One stone is equal to fourteen
pounds; weight in stone is commonly expressed as a number of stone followed by a number of pounds.
On the ADS1x31REF, two digits are shown for stone, followed by st, followed by pounds displayed to two
decimal places.
2.1.1
Calculation of Mass
Mass is calculated from ADC code using the formula:
w = m
● c + w
zs – wt
where:
w = mass
c = the ADC code
w
t = tare weight
m, w
zs, wt = values determined in the calibration process
m is a calibration constant, and is calculated using Equation 1:
(1)
where w
fs is the user-specified calibration mass, cfs is the ADC code taken with the calibration mass
applied, and c
zs is the ADC measurement taken with no load.
w
zs , the zero-scale mass, is calculated from m and czs using Equation 2:
w
zs = –m ● czs
(2)
2.2
Button Functions
2.2.1
TARE
The tare function allows the mass of a substance to be measured separately from the mass of its
container. When the TARE button is pressed, the scale measures the mass and records it. This reading is
subtracted from each subsequent measurement.
The recorded tare value can be reset to zero by holding the TARE button down for at least one second.
When the tare value is to be reset, the display reads TARE OFF.
Tare is also reset following a calibration.
8
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
TDK Electronics
C1608X7R1H104K TDK-C1608X7R1H104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
   Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
   Supports SSDs and HDDs and tapedrives
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
FRM243910 FERROXCUBE-FRM243910 Datasheet
58Kb / 5P
   Frame and Bar cores and accessories
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Renesas Technology Corp
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
   ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com