Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP50K Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RGP50K
Description  Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RGP50K Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RGP50K Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RGP50K Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.7 0.8
1.0
1.2
1.4
1.6 1.7
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300uS
0
100
300
110
100
5
8.3ms Single Half
Sine-Wave
50
200
400
500
1.0
1
.1
.4
.2
4
2
10
6
100
40
20
60
200
20
4
2
10
100
40
TJ=25
f=1MHz
2.5
25
50
125
175
0
75
150
100
5.0
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
SETTIMEBASEFOR50/100 ns /cm
FIG.3--TYPICAL FORWARD CHARACTERISTICS
NUMBEROF CYCIES AT60Hz
INSTANTANEOUS FORWARE CURRENT
FIG.5--TYPICAL REVERSE CHARACTEISTICS
FIG.4--FORWARD CURRENT DERATING CURVE
AMBIENTTEMPERATURE,
REVERSE VOLTAGE,VOLTS
FIG.2 --PEAK FORWARD SURGE CURRENT
FIG.1 --REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
2.RESETIME=10ns MAX.SOURCEIMPEDANCE=500Ω.
NOTES:1.RESETIME=7ns MAX.INPUTIMPEDANCE=1MΩ.22pF.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
RGP50A-RGP50M
Fast Recovery Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - RGP50K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGP50K ETC-RGP50K Datasheet
37Kb / 2P
   5 Amp. Glass Passivated Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
RGP50K BILIN-RGP50K Datasheet
335Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - RGP50K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com