Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFSX0J151ER Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFSX0J151ER
Description  Surface Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFSX0J151ER Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFSX0J151ER Datasheet HTML 1Page - Panasonic Semiconductor EEFSX0J151ER Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
SP-Cap/ Specialty Polymer Aluminum Capacitors (Conductive Polymer Aluminum Capacitors)
– EE17 –
PP
L
W1
+
-
Cap.
Polarity bar (Positive)
W.V. code
Lot No.
Features
● Super Low-ESR (4.5 m to 9 m )
● Lower ESR and Higher Capacitance at the same
case size as conventional products.
● Excellent Noise-absorbent Characteristics
● High Ripple Current
● RoHS directive compliant
Surface Mount Type
Series:
S
Specifications
Series & Size Code
SL
SX
Category Temp. Range
–40 °C to +105 °C
Rated W.V.Range
2 V.DC to 6.3 V.DC
Nominal Cap.Range
56 µF to 220 µF
82 µF to 560 µF
Capacitance Tolerance
±20 %
DC Leakage Current
Reflow 240 °C : I
< 0.06 CV (µA) 2 minutes (2 V.DC to 4 V.DC)
I
< 0.04 CV (µA) 2 minutes (6.3 V.DC)
Reflow 260 °C : I
< 0.1 CV (µA) 2 minutes
tan
δ
< 0.06 (120 Hz/+20 °C)
Surge VoltageRated Working Voltage
1.25 (15 °C to 35 °C)
Endurance
After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C,
capacitor shall meet the following limits.
Capacitance change
±10% of initial measured value
tan
δ
< Initial specified value
DC leakage current
< Initial specified value
Moisture resistance
After storing for 500 hours at 60 °C, 90 %
Capacitance change of
initial measurd value
2, 2.5 V.DC
4 V.DC
6.3 V.DC
+70, –20 %
+60, –20 %
+50, –20 %
tan
δ
< 200 % of initial specified value
DC leakage current
< Initial specified value
Dimensions in mm(not to scale)
Marking
(mm)
Series &
Size Code
L±0.2
W1±0.2 W2±0.1
H
P±0.3
SL
7.3
4.3
2.4
1.8±0.1
1.3
SX
7.3
4.3
2.4
1.9±0.2
1.3
✽ Externals of figure are the reference.
Large Cap
Feb. 2012
01


Similar Part No. - EEFSX0J151ER

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
EEFSX0J151ER PACELEADER-EEFSX0J151ER Datasheet
60Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
logo
Panasonic Semiconductor
EEFSX0J151ER PANASONIC-EEFSX0J151ER Datasheet
60Kb / 2P
   SP Cap Conductive Polymer Aluminum Capacitors Specialty Polymer Aluminum Capacitors
EEFSX0J151ER PANASONIC-EEFSX0J151ER Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFSX0J151ER PANASONIC-EEFSX0J151ER Datasheet
60Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFSX0J151ER PANASONIC-EEFSX0J151ER Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFSX0J151ER

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com