Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1106 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1106
Description  QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1106 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1106_12 Datasheet HTML 1Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 2Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 3Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 4Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 5Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 6Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 7Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 8Page - Advanced Linear Devices ALD1106_12 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.0 ©2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
ALD1106/ALD1116
ADVANCED
LINEAR
DEVICES, INC.
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
GENERAL DESCRIPTION
The ALD1106/ALD1116 are monolithic quad/dual N-channel enhance-
ment mode matched MOSFET transistor arrays intended for a broad range
of precision analog applications. The ALD1106/ALD1116 offer high input
impedance and negative current temperature coefficient. The transistor
pairs are matched for minimum offset voltage and differential thermal
response, and they are designed for precision analog switching and
amplifying applications in +2V to +12V systems where low input bias
current, low input capacitance and fast switching speed are desired. These
MOSFET devices feature very large (almost infinite) current gain in a low
frequency, or near DC, operating environment. The ALD1106/ALD1116
are building blocks for differential amplifier input stages, transmission
gates, and multiplexer applications, current sources and many precision
analog circuits.
APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog signal processing
BLOCK DIAGRAM
FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos 2mV typical
• High input impedance -- 1014
Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Low input and output leakage currents
• RoHS compliant
PIN CONFIGURATION
DN2
GN2
SN2
GN1
SN1
1
2
3
4
5
6
7
8
DN1
V+
V-
ALD1116
DN1 (1)
DN2 (8)
~
GN1 (2)
SN1 (3)
SN2 (6)
V+ (5)
V- (4)
GN2 (7)
ALD1116
DN2
GN2
SN2
GN3
SN3
GN1
SN1
DN4
GN4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DN1
V+
V-
DN3
SN4
1
ALD1106
TOP VIEW
SBL, PBL, DB PACKAGES
TOP VIEW
SAL, PAL, DA PACKAGES
Operating Temperature Range*
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
8-Pin SOIC
8-Pin Plastic Dip
8-Pin CERDIP
Package
Package
Package
ALD1116SAL
ALD1116PAL
ALD1116DA
14-Pin SOIC
14-Pin Plastic Dip
14-Pin CERDIP
Package
Package
Package
ALD1106SBL
ALD1106PBL
ALD1106DB
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
* Contact factory for leaded (non-RoHS) or high temperature versions.
BLOCK DIAGRAM
DN1 (1)
DN2 (14)
GN1 (2)
SN1 (3)
SN2 (12)
V- (4)
GN2 (13)
DN3 (10)
DN4 (5)
GN3 (9)
SN3 (8)
SN4 (7)
~
V+ (11)
V- (4)
GN4 (6)
ALD1106


Similar Part No. - ALD1106_12

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106DB ALD-ALD1106DB Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1106PB ALD-ALD1106PB Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1106PBL ADL-ALD1106PBL Datasheet
82Kb / 9P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1106SB ALD-ALD1106SB Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1106SBL ADL-ALD1106SBL Datasheet
82Kb / 9P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
More results

Similar Description - ALD1106_12

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
   QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
   QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
   QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com