Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1131 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1131
Description  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1131_12 Datasheet HTML 1Page - Texas Instruments ADS1131_12 Datasheet HTML 2Page - Texas Instruments ADS1131_12 Datasheet HTML 3Page - Texas Instruments ADS1131_12 Datasheet HTML 4Page - Texas Instruments ADS1131_12 Datasheet HTML 5Page - Texas Instruments ADS1131_12 Datasheet HTML 6Page - Texas Instruments ADS1131_12 Datasheet HTML 7Page - Texas Instruments ADS1131_12 Datasheet HTML 8Page - Texas Instruments ADS1131_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DVDD
GND
GND
SPEED
CAP
CAP
AINP
AINN
DRDY/DOUT
SCLK
PDWN
AVDD
PSW
GND
VREFP
VREFN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS1131
www.ti.com
SBAS449B
– JULY 2009 – REVISED SEPTEMBER 2011
PIN CONFIGURATION
D PACKAGE
SO-16
(TOP VIEW)
PIN DESCRIPTIONS
ANALOG/DIGITAL
NAME
TERMINAL
INPUT/OUTPUT
DESCRIPTION
DVDD
1
Digital
Digital power supply
GND
2
Supply
Ground for digital and analog supplies
GND
3
Supply
Ground for digital and analog supplies
Data rate select:
SPEED
DATA RATE
SPEED
4
Digital input
0
10SPS
1
80SPS
CAP
5
Analog
Gain amplifier bypass capacitor connection
CAP
6
Analog
Gain amplifier bypass capacitor connection
AINP
7
Analog input
Positive analog input
AINN
8
Analog input
Negative analog input
VREFN
9
Analog input
Negative reference input
VREFP
10
Analog input
Positive reference input
GND
11
Supply
Ground for digital and analog supplies
PSW
12
Analog
Low-side power switch
AVDD
13
Supply
Analog power supply
PDWN
14
Digital input
Power-down: holding this pin low powers down the entire converter and resets the ADC.
Serial clock: clock out data on the rising edge. Also used to initiate Standby mode. See the Standby
SCLK
15
Digital input
Mode section for more details.
Dual-purpose output:
DRDY/DOUT
16
Digital output
Data ready: indicates valid data by going low.
Data output: outputs data, MSB first, on the first rising edge of SCLK.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - ADS1131_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Similar Description - ADS1131_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com