Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV321AC37 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV321AC37
Description  3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV321AC37 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV321AC37 Datasheet HTML 5Page - Texas Instruments TLV321AC37 Datasheet HTML 6Page - Texas Instruments TLV321AC37 Datasheet HTML 7Page - Texas Instruments TLV321AC37 Datasheet HTML 8Page - Texas Instruments TLV321AC37 Datasheet HTML 9Page - Texas Instruments TLV321AC37 Datasheet HTML 10Page - Texas Instruments TLV321AC37 Datasheet HTML 11Page - Texas Instruments TLV321AC37 Datasheet HTML 12Page - Texas Instruments TLV321AC37 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLV321AC36, TLV321AC37
3-V VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS085 – APRIL 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and free-air temperature
(unless otherwise noted) (continued)
receive idle channel noise and distortion, companded mode with
µ-law or A-law selected, over recommended
ranges of supply voltage and operating free-air temperature (see Note 9)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receive noise, psophometrically weighted
DIN = 11010101 (A-law)
–72
dB0p
Receive noise, C-message weighted
DIN = 11111111 (
µ-law)
8
dBrnc0
DIN to EARA and EARB at 0 dBm0 to – 18 dBm0
36
DIN to EARA and EARB at – 19 dBm0 to – 24 dBm0
34
Receive signal-to-distortion ratio with sine-wave input
DIN to EARA and EARB at – 25 dBm0 to – 30 dBm0
30
dB
DIN to EARA and EARB at – 31 dBm0 to – 38 dBm0
23
DIN to EARA and EARB at – 39 dBm0 to – 45 dBm0
17
NOTE 9. Receive output is measured differentially in the maximum gain configuration. To set the output amplifier for maximum gain, EARGS is
connected to EARB and the output is taken between EARA and EARB. All output levels are (sin x)/x corrected.
receive idle channel noise and distortion, linear mode selected, over recommended ranges of supply voltage
and operating free-air temperature (see Notes 9 and 12)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receive noise
DIN = 00000000
200
µVrms
DIN to EARA and EARB at 0 dBm0 to – 12 dBm0
40
DIN to EARA and EARB at – 13 dBm0 to – 18 dBm0
38
Receive signal-to-distortion ratio with sine-wave input
DIN to EARA and EARB at – 19 dBm0 to – 24 dBm0
32
dB
DIN to EARA and EARB at – 25 dBm0 to – 40 dBm0
18
DIN to EARA and EARB at – 41 dBm0 to – 45 dBm0
15
Intermodulation, 2-tone CCITT distortion method,
CCITT G.712 (7.1), R2
50
dB
composite power level – 13 dBm0
CCITT G.712 (7.2), R3
54
dB
NOTES:
9. Receive output is measured differentially in the maximum gain configuration. To set the output amplifier for maximum gain, EARGS
is connected to EARB and the output is taken between EARA and EARB. All output levels are (sin x)/x corrected.
12. Receive noise, linear mode: 200
µVrms is equivalent to –71 dB (referenced to device 0-dB level).
power supply rejection and crosstalk attenuation over recommended ranges of supply voltage and
operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Supply voltage rejection, transmit channel
Idle channel, supply signal = 100 mVrms,
f = 0 to 30 kHz (measured at DOUT)
–30
dB
Supply voltage rejection, receive channel
Idle channel, supply signal = 100 mVrms,
EARGS connected to EARB,
f = 0 to 30 kHz (measured differentially between EARA
and EARB)
–30
dB
Crosstalk attenuation, transmit-to-receive
(differential)
MICIN = 0 dB, f = 1.02 kHz, unity transmit gain,
EARGS connected to EARB,
measured differentially between EARA and EARB
50
dB
Crosstalk attenuation, receive-to-transmit
DIN = 0 dBm0, f = 1.02 kHz, unity transmit
gain, measured at DOUT
50
dB
† All typical values are at VCC = 3 V, TA = 25°C.


Similar Part No. - TLV321AC37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
More results

Similar Description - TLV321AC37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56_1998 TI1-TLV320AC56_1998 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com