Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3114SCGPV Datasheet(PDF) 7 Page - Texas Instruments

Part # TLK3114SCGPV
Description  10-Gbps XAUI Transceiver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCGPV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK3114SCGPV Datasheet HTML 3Page - Texas Instruments TLK3114SCGPV Datasheet HTML 4Page - Texas Instruments TLK3114SCGPV Datasheet HTML 5Page - Texas Instruments TLK3114SCGPV Datasheet HTML 6Page - Texas Instruments TLK3114SCGPV Datasheet HTML 7Page - Texas Instruments TLK3114SCGPV Datasheet HTML 8Page - Texas Instruments TLK3114SCGPV Datasheet HTML 9Page - Texas Instruments TLK3114SCGPV Datasheet HTML 10Page - Texas Instruments TLK3114SCGPV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
1−1
1 Description
The TLK3114SC device is a flexible quad serial transceiver, delivering high-speed, bidirectional, point-to-point data
transmissions to provide up to 10 Gbps of data transmission capacity. The TLK3114SC device is terminal compatible
with the TLK3104SA quad serial transceiver and supports an operating range of serial data rates from 2.5 Gbps to
3.125 Gbps. The primary application of this device is to provide building blocks for developing point-to-point
baseband data transmission over controlled-impedance media of approximately 50
Ω. The transmission media can
be printed-circuit board (PCB) traces, copper cables, or fiber-optical media. The ultimate rate and distance of data
transfer is dependent upon the attenuation characteristics of the media and the noise coupling into the lines.
The TLK3114SC device performs the parallel-to-serial, serial-to-parallel conversion, and clock extraction functions
for a physical layer interface. The TLK3114SC device also provides a selectable 8-b/10-b encode/decode function.
The serial transmitter is implemented using differential pseudoemitter controlled logic (PECL) compatible signaling
called voltage mode logic (VML) that eliminates the need for external components. The serial receiver employs an
equalization circuit to maximize receive capabilities.
The four transceivers in the TLK3114SC device can be configured as either four separate links or synchronized
together as a single data path. The TLK3114SC device supports both the 32-bit data path, 4-bit control, 10-gigabit
media independent interface (XGMII), and the extended auxiliary unit interface (XAUI) specified in the IEEE 802.3ae
10-Gigabit Ethernet standard. Figure 1−1 shows an example system block diagram for the TLK3114SC device used
as an XGMII extended sublayer (XGXS) device to provide an additional trace distance on PCB for data being
transferred between the switching fabric and optical transceiver modules.
MAC/
Switch
Fabric
20”
6”
XAUI
6”
4
3”
Management
XGXS
TLK3114SC
MDIO
MDC
XGXS
TLK3114SC
MDIO
MDC
PCS
MDIO MDC
TX+
TX+
TX−
TX−
RX+
RX+
RX−
RX−
TDA..D[9:0]
TCA..D
RCA..D
RDA..D[9:0]
TDA..D[9:0]
RDA..D[9:0]
TCA..D
RCA..D
16:1
TX MUX
Clk
16
E/O
1:16
CDR/
Clk
16
O/E
4
4
4
De-MUX
XGMII
XGMII
Figure 1−1. System Block Diagram (Chip-to-Chip Implementation)
Figure 1−2 shows an example system block diagram for TLK3114SC device used to provide the 10-Gbps Ethernet
physical coding sublayer (as defined in IEEE802.3ae Clause 48) to coarse wavelength division multiplexed optical
transceiver.


Similar Part No. - TLK3114SCGPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SAGNT TI1-TLK3114SAGNT Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
More results

Similar Description - TLK3114SCGPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
logo
Vitesse Semiconductor C...
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
   10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3118 TI1-TLK3118_09 Datasheet
575Kb / 59P
[Old version datasheet]   Redundant XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
[Old version datasheet]   Dual XAUI Transceiver
logo
Infineon Technologies A...
UPF01012 INFINEON-UPF01012 Datasheet
160Kb / 2P
   10 Gigabit/s Transceiver with XAUI Interface
2002
logo
Texas Instruments
TLK3118 TI-TLK3118 Datasheet
526Kb / 57P
[Old version datasheet]   Redundant XAUI Transceiver
logo
Broadcom Corporation.
BCM8021 BOARDCOM-BCM8021_06 Datasheet
158Kb / 2P
   10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com