Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3114SCGNT Datasheet(PDF) 4 Page - Texas Instruments

Part # TLK3114SCGNT
Description  10-Gbps XAUI Transceiver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCGNT Datasheet(HTML) 4 Page - Texas Instruments

  TLK3114SCGNT Datasheet HTML 1Page - Texas Instruments TLK3114SCGNT Datasheet HTML 2Page - Texas Instruments TLK3114SCGNT Datasheet HTML 3Page - Texas Instruments TLK3114SCGNT Datasheet HTML 4Page - Texas Instruments TLK3114SCGNT Datasheet HTML 5Page - Texas Instruments TLK3114SCGNT Datasheet HTML 6Page - Texas Instruments TLK3114SCGNT Datasheet HTML 7Page - Texas Instruments TLK3114SCGNT Datasheet HTML 8Page - Texas Instruments TLK3114SCGNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
iv
4
Electrical Specifications
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Recommended Operating Conditions
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Reference Clock Timing Requirements (RFCP/N)
4−1
. . . . . . . . . . . . . . . . .
4.4
Reference Clock Electrical Characteristics (RFCP/N)
4−2
. . . . . . . . . . . . . .
4.5
LVTTL Electrical Characteristics
4−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.6
SSTL_2 Class 1 Signals
4−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.7
HSTL Signals
4−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.8
Serial Transmitter/Receiver Characteristics
4−3
. . . . . . . . . . . . . . . . . . . . . .
4.9
SSTL_2 Class 1/HSTL Output Switching Characteristics
4−5
. . . . . . . . . . .
4.10
SSTL_2 Class 1/HSTL Input Timing Requirements
4−5
. . . . . . . . . . . . . . . .
4.11
MDIO Timing Requirements
4−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.12
Package Dissipation Rating
4−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Mechanical Data
5−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
List of Illustrations
Figure
Title
Page
1−1 System Block Diagram (Chip-to-Chip Implementation)
1−1
. . . . . . . . . . . . . . . . . .
1−2 System Block Diagram (PCS Implementation)
1−2
. . . . . . . . . . . . . . . . . . . . . . . . .
1−3 System Block Diagram (Backplane Interconnect Implementation)
1−2
. . . . . . . .
1−4 TLK3114SC Block Diagram
1−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1−5 Block Diagram of Individual Channel
1−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−1 TLK3114SC GNT/GPV-Package Terminal Diagram
2−1
. . . . . . . . . . . . . . . . . . . . .
3−1 Transmit Interface Timing
3−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−2 Transmitter Latency
3−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−3 Transmit and Reference Clock Relationship (Channel Sync Mode)
3−3
. . . . . . .
3−4 Transmit and Reference Clock Relationship
(Independent Channel Mode)
3−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−5 Receive Interface Timing
3−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−6 Receiver Latency
3−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−7 Channel Synchronization State Machine
3−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−8 End-of-Packet Error Detection
3−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−9 Receive and Reference Clock Relationship
(Synchronized Channel Modes)
3−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−10 Column De-skew State Machine
3−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−11 Receive and Reference Clock Relationship
(Independent Channel Modes)
3−12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−12 Inter-Packet Gap Management
3−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−13 IPG Management State Machine
3−14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLK3114SCGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
TLK3114SAGNT TI1-TLK3114SAGNT Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
More results

Similar Description - TLK3114SCGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
[Old version datasheet]   10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
[Old version datasheet]   10-Gbps Xaui Transceiver
logo
Vitesse Semiconductor C...
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
   10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
   Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3118 TI1-TLK3118_09 Datasheet
575Kb / 59P
[Old version datasheet]   Redundant XAUI Transceiver
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
   Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
logo
Texas Instruments
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
[Old version datasheet]   Dual XAUI Transceiver
logo
Infineon Technologies A...
UPF01012 INFINEON-UPF01012 Datasheet
160Kb / 2P
   10 Gigabit/s Transceiver with XAUI Interface
2002
logo
Texas Instruments
TLK3118 TI-TLK3118 Datasheet
526Kb / 57P
[Old version datasheet]   Redundant XAUI Transceiver
logo
Broadcom Corporation.
BCM8021 BOARDCOM-BCM8021_06 Datasheet
158Kb / 2P
   10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com