Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051T620 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051T620
Description  Full Speed USB EPROM MCU Family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051T620 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051T620 Datasheet HTML 1Page - Silicon Laboratories C8051T620 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB
Copyright © 2011 by Silicon Laboratories
01.21.11
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Selected Electrical Charasteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
Regulator1 in Normal Mode
Regulator1 in Bypass Mode
1.8
1.75
3.0
3.6
1.9
V
V
SYSCLK
(System Clock)
0—
48
MHz
Specified
Operating Temp
Range
–40
+85
°C
Voltage Regulator (REG0)
Input Voltage
Range
2.7
5.25
V
Output
Voltage (VDD)
Output Current=1 to
100 mA
3.3
3.45
3.6
V
Output Current
100
mA
ADC-DC Accuracy
Resolution
10
bits
SAR Conversion
Clock
——
8
MHz
Throughput
Rate
500
ksps
Voltage Reference
Output Voltage
1.2 V setting, 25 °C ambient
2.4 V setting, 25 °C ambient
1.1
1.2
2.4
1.3
2.5
V
VREF Short-Cir-
cuit Current
—4.5
6
mA
Comparators
Response Time:
Mode 0, Vcm* =
1.5 V
CP0+ – CP0– = 100 mV
240
ns
CP0+ – CP0– = –100 mV
240
ns
C8051T62x Development Kit
Product Selection Guide
C8051T620-GM 48
16k1
1280
YYY
YYY
2
4
Y
24
Y
Y
Y
2
Y
QFN32
C8051T621-GM 48
16k1
1280
YYY
YYY
2
4
Y
24
2
Y
QFN32
C8051T320-GQ2 48
16k1
1280
Y
Y
Y
Y
Y
Y
2
4
Y
25
Y
Y
Y
2
Y
LQFP32
C8051T321-GM3 48
16k1
1280
YYY
YYY
2
4
Y
21
Y
Y
Y
2
Y
QFN28
C8051T322-GQ2 48
16k1
1280
Y
Y
Y
Y
Y
Y
2
4
Y
25
2
Y
LQFP32
C8051T323-GM3 48
16k1
1280
YYY
YYY
2
4
Y
21
2
Y
QFN28
Notes:
1.
512 bytes reserved for factory use.
2.
Pin compatible with the C8051F320-GM.
3.
Pin compatible with the C8051F321-GM.
C8051T620/621/320/321/322/323
Full Speed USB EPROM MCU Family


Similar Part No. - C8051T620

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T620 SILABS-C8051T620 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
More results

Similar Description - C8051T620

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051T622 SILABS-C8051T622 Datasheet
75Kb / 3P
   Full Speed USB EEPROM MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
   Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
   Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com