Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2105 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # CP2105
Description  USB DRIVER CUSTOMIZATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2105 Datasheet(HTML) 2 Page - Silicon Laboratories

  CP2105 Datasheet HTML 1Page - Silicon Laboratories CP2105 Datasheet HTML 2Page - Silicon Laboratories CP2105 Datasheet HTML 3Page - Silicon Laboratories CP2105 Datasheet HTML 4Page - Silicon Laboratories CP2105 Datasheet HTML 5Page - Silicon Laboratories CP2105 Datasheet HTML 6Page - Silicon Laboratories CP2105 Datasheet HTML 7Page - Silicon Laboratories CP2105 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN220
2
Rev. 0.6
4. Creating a Custom Driver
This section describes how to create a custom driver. To
begin, choose the type of installation to customize:
“Virtual COM Port Driver Installation” or “USBXpress
Installation”. Differences between the two installations
are noted, but a sample CP210x customization is
shown in the figures. Next, determine if an installation
executable should be generated (see “4.5. Installation
String Options” and “4.8. Generation Directory” for more
information on the generated installer), and click Next.
4.1. Driver Certification Warning
The first screen is the warning explaining that the
generated driver installation will not be certified. (See
Figure 2.) Click Next to begin customizing your driver
installation.
Figure 2. Driver Certification Warning
4.2. Operating System Selection
The first step in the customization utility (shown in
Figure 3) is to specify the operating system for which
the custom driver is being generated.
Figure 3. Operating System Selection


Similar Part No. - CP2105

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2105 SILABS-CP2105 Datasheet
206Kb / 24P
   Data format: 8 data bits, 1 stop bit Parity: Even, Pdd, No parity Baud rates: 2400 bps to 921600 bps
CP2105 SILABS-CP2105 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2105 SILABS-CP2105 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2105 SILABS-CP2105 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
More results

Similar Description - CP2105

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
AN721 SILABS-AN721 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
AN335 SILABS-AN335 Datasheet
104Kb / 12P
   USB DRIVER INSTALLATION METHODS
logo
List of Unclassifed Man...
EPC-6200 ETC2-EPC-6200 Datasheet
468Kb / 1P
   ETX CPU Module for Scalable and Time-efficient Customization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
   1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
   3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
   3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com