Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AD545IPTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC320AD545IPTG4
Description  Single Channel Data/Fax Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD545IPTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC320AD545IPTG4 Datasheet HTML 5Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 6Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 7Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 8Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 9Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 10Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 11Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 12Page - Texas Instruments TLC320AD545IPTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
1–3
1.4
Terminal Assignments
1
2
3
4
5
6
7
8
9
10
27
28
29
30
31
32
33
34
35
36
NC
DREFP_DAC
NC
DT_MCLK
DREFM_DAC
RESET
DVSS
DTRXM
DT_DIN
DT_SCLK
DAVDD
DAVSS
NC
NC
DTRX_FB
DT_DOUT
NC
DT_FS
11
12
25
26
NC
DTRXP
NC
NC
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
NC
NC
TLC320AD545
NC–Make no external connection
1.5
Ordering Information
PACKAGE
TA
PLASTIC QUAD
FLATPACK (PT)
0
°C to 70°C
TLC320AD545PT
–40
°C to 85°C
TLC320AD545IPT
1.6
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NC
3, 4, 7, 8,
11, 21, 25,
26, 35, 36,
45
No connection
DAVDD
5
I
Analog power supply (5 V/3.3 V)
DAVSS
6
I
Analog ground
DREFM_ADC
48
O
ADC voltage reference filter output. DREFM_ADC provides lowpass filtering for the internal bandgap
reference. The optimal ceramic capacitor value is 0.1
µF connected between DREFM_ADC and
DREFP_ADC. The nominal dc voltage at this terminal is 0 V.
DREFM_DAC
2
O
DAC voltage reference filter output. DREFM_DAC provides for lowpass filtering the internal bandgap
reference. The optimal ceramic capacitor value is 0.1
µF connected between DREFM_ADC and
DREFP_ADC. The nominal dc voltage at this terminal is 0 V.


Similar Part No. - TLC320AD545IPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD545IPT TI-TLC320AD545IPT Datasheet
174Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
More results

Similar Description - TLC320AD545IPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AD543 TI-TLV320AD543 Datasheet
181Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLC320A545C-I TI-TLC320A545C-I Datasheet
174Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLV320AD543 TI1-TLV320AD543_08 Datasheet
183Kb / 34P
[Old version datasheet]   Single Channel Data/Fax Codec
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
logo
Molex Electronics Ltd.
79529-5002 MOLEX-79529-5002 Datasheet
332Kb / 2P
   TelEnable짰 FDM (Fax/Data Module)
79524-5000 MOLEX-79524-5000 Datasheet
487Kb / 2P
   TelEnable??FDC Fax / Data Card
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
TLC320AD535C-I TI1-TLC320AD535C-I_16 Datasheet
203Kb / 42P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com