Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFCD0E121R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFCD0E121R
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0E121R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFCD0E121R Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0E121R Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0E121R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SP-Cap/ Specialty Polymer Aluminum Capacitors (Conductive Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EE16 –
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(µF)
Case Size
Specification
Part number
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m max.)
✽3
Reflow condition : 240 °C
✽3
Reflow condition : 260 °C
[Proposal]
UD
2
330
7.3
4.3
2.8
3.0
15
EEFUD0D331R
4
EEFUD0D331ER
4
2000
7.3
4.3
2.83.3
12
EEFUD0D331XR
4
EEFUD0D331XE
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0D331LR
4
EEFUD0D331LE
4
2000
390
7.3
4.3
2.8
3.0
15
EEFUD0D391R
4
EEFUD0D391ER
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0D391LR
4
EEFUD0D391LE
4
2000
470
7.3
4.3
2.8
3.4
9
EEFUD0D471LR
4
EEFUD0D471LE
4
2000
2.5
220
7.3
4.3
2.8
3.0
15
EEFUD0E221R
4
EEFUD0E221ER
4
2000
7.3
4.3
2.83.3
12
EEFUD0E221XR
4
EEFUD0E221XE
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0E221LR
4
EEFUD0E221LE
4
2000
270
7.3
4.3
2.8
3.0
15
EEFUD0E271R
4
EEFUD0E271ER
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0E271LR
4
EEFUD0E271LE
4
2000
4
120
7.3
4.3
2.8
3.0
15
EEFUD0G121R
4
EEFUD0G121ER
4
2000
7.3
4.3
2.8
3.4
12
EEFUD0G121XR
4
EEFUD0G121XE
4
2000
150
7.3
4.3
2.8
3.0
15
EEFUD0G151R
4
EEFUD0G151ER
4
2000
7.3
4.3
2.83.3
12
EEFUD0G151XR
4
EEFUD0G151XE
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0G151LR
4
EEFUD0G151LE
4
2000
180
7.3
4.3
2.8
2.5
18
EEFUD0G181R
4
EEFUD0G181ER
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0G181LR
4
EEFUD0G181LE
4
2000
6.3
100
7.3
4.3
2.8
3.0
15
EEFUD0J101R
4
EEFUD0J101ER
4
2000
7.3
4.3
2.83.3
12
EEFUD0J101XR
4
EEFUD0J101XE
4
2000
120
7.3
4.3
2.8
3.0
15
EEFUD0J121R
4
EEFUD0J121ER
4
2000
7.3
4.3
2.83.3
12
EEFUD0J121XR
4
EEFUD0J121XE
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0J121LR
4
2000
150
7.3
4.3
2.8
2.5
18
EEFUD0J151R
4
EEFUD0J151ER
4
2000
7.3
4.3
2.8
3.4
9
EEFUD0J151LR
4
2000
8
68
7.3
4.3
2.8
3.0
15
EEFUD0K680R
EEFUD0K680ER
2000
100
7.3
4.3
2.8
2.5
18
EEFUD0K101R
EEFUD0K101ER
2000
UE
2
270
7.3
4.3
4.23.3
12
EEFUE0D271R
4
EEFUE0D271ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D271XR
4
EEFUE0D271XE
4
2000
330
7.3
4.3
4.23.3
12
EEFUE0D331R
4
EEFUE0D331ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D331XR
4
EEFUE0D331XE
4
2000
390
7.3
4.3
4.23.3
12
EEFUE0D391R
4
EEFUE0D391ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D391XR
4
EEFUE0D391XE
4
2000
7.3
4.3
4.2
3.7
7
EEFUE0D391LR
4
EEFUE0D391LE
4
2000
470
7.3
4.3
4.23.3
12
EEFUE0D471R
4
EEFUE0D471ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D471XR
4
EEFUE0D471XE
4
2000
7.3
4.3
4.2
3.7
7
EEFUE0D471LR
4
EEFUE0D471LE
4
2000
560
7.3
4.3
4.23.3
12
EEFUE0D561R
EEFUE0D561ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0D561LR
EEFUE0D561LE
2000
2.5
220
7.3
4.3
4.23.3
12
EEFUE0E221R
4
EEFUE0E221ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0E221XR
4
EEFUE0E221XE
4
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0E271R
4
EEFUE0E271ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0E271XR
4
EEFUE0E271XE
4
2000
330
7.3
4.3
4.23.3
12
EEFUE0E331R
4
EEFUE0E331ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0E331XR
4
EEFUE0E331XE
4
2000
7.3
4.3
4.2
3.7
7
EEFUE0E331LR
4
EEFUE0E331LE
4
2000
390
7.3
4.3
4.23.3
12
EEFUE0E391R
4
EEFUE0E391ER
4
2000
7.3
4.3
4.2
3.7
7
EEFUE0E391LR
4
EEFUE0E391LE
4
2000
470
7.3
4.3
4.23.3
12
EEFUE0E471R
EEFUE0E471ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0E471LR
EEFUE0E471LE
2000
4
180
7.3
4.3
4.23.3
12
EEFUE0G181R
4
EEFUE0G181ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0G181XR
4
EEFUE0G181XE
4
2000
220
7.3
4.3
4.23.3
12
EEFUE0G221R
4
EEFUE0G221ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0G221XR
4
EEFUE0G221XE
4
2000
7.3
4.3
4.2
3.7
7
EEFUE0G221LR
4
EEFUE0G221LE
4
2000
270
7.3
4.3
4.23.3
12
EEFUE0G271R
EEFUE0G271ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0G271LR
EEFUE0G271LE
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0G331R
EEFUE0G331ER
2000
6.3
150
7.3
4.3
4.23.3
12
EEFUE0J151R
4
EEFUE0J151ER
4
2000
7.3
4.3
4.2
3.5
10
EEFUE0J151XR
4
EEFUE0J151XE
4
2000
180
7.3
4.3
4.23.3
12
EEFUE0J181R
EEFUE0J181ER
2000
7.3
4.3
4.2
3.5
10
EEFUE0J181XR
EEFUE0J181XE
2000
7.3
4.3
4.2
3.7
7
EEFUE0J181LR
2000
220
7.3
4.3
4.2
3.0
15
EEFUE0J221R
EEFUE0J221ER
2000
7.3
4.3
4.2
3.7
7
EEFUE0J221LR
2000
8
100
7.3
4.3
4.2
3.3
12
EEFUE0K101R
4
EEFUE0K101ER
4
2000
150
7.3
4.3
4.2
3.0
15
EEFUE0K151R
EEFUE0K151ER
2000
Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please confirm EE25 in detail of the Mouting Specifications.
✽4: Please use proposal part number of EE12, 13 when examining it.
Feb. 2012
01


Similar Part No. - EEFCD0E121R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0E121R PANASONIC-EEFCD0E121R Datasheet
50Kb / 3P
   Specialty Polymer Aluminum Electrolytic Capacitor
EEFCD0E121R PANASONIC-EEFCD0E121R Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0E121R PANASONIC-EEFCD0E121R Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFCD0E121R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com