Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS30SM-3 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FS30SM-3
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS30SM-3 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FS30SM-3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS30SM-3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS30SM-3 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS30SM-3 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
FS30SM-3
OUTLINE DRAWING
Dimensions in mm
TO-3P
MITSUBISHI Nch POWER MOSFET
FS30SM-3
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
150
±20
30
120
30
30
120
70
–55 ~ +150
–55 ~ +150
4.8
VGS = 0V
VDS = 0V
L = 100
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
V
V
A
A
A
A
A
W
°C
°C
g
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡10V DRIVE
¡VDSS ................................................................................ 150V
¡rDS (ON) (MAX) .............................................................. 92m
¡ID ......................................................................................... 30A
¡Integrated Fast Recovery Diode (TYP.) ........... 110ns
15.9MAX.
4.5
1.5
f 3.2
2
1.0
5.45
4.4
0.6
2.8
qw
e
5.45
4
r
G
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
e


Similar Part No. - FS30SM-3

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS30SM-3 POWEREX-FS30SM-3 Datasheet
46Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS30SM-3 RENESAS-FS30SM-3 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS30SM-3 ISC-FS30SM-3 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS30SM-3 RENESAS-FS30SM-3_15 Datasheet
101Kb / 7P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FS30SM-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com