Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL80A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # IRL80A
Description  GaAs-Infrarot-Sendediode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

IRL80A Datasheet(HTML) 1 Page - OSRAM GmbH

  IRL80A Datasheet HTML 1Page - OSRAM GmbH IRL80A Datasheet HTML 2Page - OSRAM GmbH IRL80A Datasheet HTML 3Page - OSRAM GmbH IRL80A Datasheet HTML 4Page - OSRAM GmbH IRL80A Datasheet HTML 5Page - OSRAM GmbH IRL80A Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRL 80 A
GaAs-Infrarot-Sendediode
GaAs Infrared Emitter
Lead (Pb) Free Product - RoHS Compliant
2007-08-06
1
Wesentliche Merkmale
• GaAs-Lumineszenzdiode im Infrarotbereich
• Klares Miniaturkunststoffgehäuse, seitliche
Abstrahlung
• Preiswertes Kunststoffgehäuse
• Lange Lebensdauer (Langzeitstabilität)
• Weiter Öffnungskegel (
± 30°)
• Passend zu Fototransistor LPT 80 A
Anwendungen
• Fertigungs- und Kontrollanwendungen der
Industrie, die eine Unterbrechung des
Lichtstrahls erfordern
• Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
IRL 80 A
Q68000A7851
Features
• GaAs infrared emitting diode
• Clear plastic package with lateral emission
• Low cost plastic package
• Long term stability
• Wide beam (
± 30°)
• Matches phototransistor LPT 80 A
Applications
• For a variety of manufacturing and monitoring
applications which require beam interruption
• Light barriers


Similar Part No. - IRL80A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IRL80A SIEMENS-IRL80A Datasheet
122Kb / 3P
   GaAs-Infrarot-Sendediode GaAs Infrared Emitter
More results

Similar Description - IRL80A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IRL80A SIEMENS-IRL80A Datasheet
122Kb / 3P
   GaAs-Infrarot-Sendediode GaAs Infrared Emitter
logo
OSRAM GmbH
IRL81A OSRAM-IRL81A Datasheet
182Kb / 7P
   GaAlAs-Infrarot-Sendediode
logo
Siemens Semiconductor G...
IRL81A SIEMENS-IRL81A Datasheet
151Kb / 3P
   GaAlAs-Infrarot-Sendediode GaAlAs Infrared Emitter
logo
ASM GmbH
BS ASM-SENSOR-BS Datasheet
137Kb / 2P
   Infrarot-Temperatursensoren
logo
OSRAM GmbH
F0118G OSRAM-F0118G Datasheet
65Kb / 6P
   GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
2003-04-10
logo
Siemens Semiconductor G...
TDA4050 SIEMENS-TDA4050 Datasheet
193Kb / 5P
   Infrarot-Vorverstarker
logo
ASM GmbH
IRC-PU2.2 ASM-SENSOR-IRC-PU2.2 Datasheet
294Kb / 2P
   Infrarot-Temperatur-Messger채te
IRC-PC21 ASM-SENSOR-IRC-PC21 Datasheet
308Kb / 2P
   Infrarot-Temperatur-Messgerat
IRC-PE ASM-SENSOR-IRC-PE Datasheet
316Kb / 2P
   Infrarot-Temperatur-Messger채t
BF-30-I-A ASM-SENSOR-BF-30-I-A Datasheet
264Kb / 1P
   Infrarot-Temperatur-Messger채te
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com