Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTU1D0305MC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # MTU1D0305MC
Description  Isolated 1W Single & Dual Output SM DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MTU1D0305MC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  MTU1D0305MC Datasheet HTML 1Page - Murata Power Solutions Inc. MTU1D0305MC Datasheet HTML 2Page - Murata Power Solutions Inc. MTU1D0305MC Datasheet HTML 3Page - Murata Power Solutions Inc. MTU1D0305MC Datasheet HTML 4Page - Murata Power Solutions Inc. MTU1D0305MC Datasheet HTML 5Page - Murata Power Solutions Inc. MTU1D0305MC Datasheet HTML 6Page - Murata Power Solutions Inc. MTU1D0305MC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTU1 Series
Isolated 1W Single & Dual Output SM DC/DC Converters
KDC_MTU.B01 Page 3 of 7
www.murata-ps.com/support
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak reflow
solder temperature of 245ºC as per J-STD-020D.1.
The pin termination finish on this product series is Matte Tin over Nickel
Preplate. The series is backward compatible with Sn/Pb soldering systems.
The series has a Moisture Sensitivity Level (MSL) 1.
Samples of the product series were tested in accordance with the condition-
ing described for MSL level 1 in IPS/J-STD-020D.1.
The product series passed electrical tests and visual inspection criteria.
For further information, please visit: www.murata-ps.com/rohs
TEMPERATURE DERATING GRAPH
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
TOLERANCE ENVELOPES
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading and set point accuracy.
Output Load Current (%)
VNOM
5.5%
0%
-4%
1.5%
100
75
50
25
10
Single 5V output types (except 3.3V input)
Output Load Current (%)
VNOM
5%
0%
-4%
1%
100
75
50
25
10
Output Load Current (%)
4%
9%
0%
-4%
1%
100
75
50
25
10
3.3V Input Types
All other types
Output Load Current (%)
2%
7%
0%
-4%
1%
100
75
50
25
10
Dual 5V Output types (except 3.3V input)


Similar Part No. - MTU1D0305MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTU1D0509MC MURATA-PS-MTU1D0509MC Datasheet
284Kb / 10P
   Isolated 1W Single & Dual Output SM DC-DC Converters
2023
More results

Similar Description - MTU1D0305MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTA CANDD-NTA Datasheet
146Kb / 2P
   Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Manufacturing Co...
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com