Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL3ICS1002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3ICS1002 Datasheet HTML 1Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 2Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 3Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 4Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 5Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 6Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 7Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 8Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
2 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
2. Features and benefits
2.1 Key features
512-bit user memory (G2XM only)
240-bit of EPC memory
64-bit tag identifier (TID) including 32-bit unique serial number
Memory read protection
EAS (Electronic Article Surveillance) command
Calibrate command
32-bit kill password to permanently disable the tag
32-bit access password to allow a transition into the secured transmission state
Broad international operating frequency: from 840 MHz to 960 MHz
Long read/write ranges due to extremely low power design
Reliable operation of multiple tags due to advanced anti-collision
Forward link: 40-160 kbit/s
Return link: 40-640 kbit/s
2.2 Key benefits
High sensitivity provides long read range
Low Q-factor for consistent performance on different materials
Improved interference suppression for reliable operation in multi-reader environment
Large input capacitance for ease of assembly and high assembly yield
Highly advanced anti-collision resulting in highest identification speed
Reliable and robust RFID technology suitable for dense reader and noisy
environments
2.3 Custom commands
EAS Alarm
Enables the UHF RFID tag to be used as EAS tag without the need for a backend data
base.
Read Protect
Protects all memory content including CRC16 from unauthorized reading.
Calibrate
Activates permanent back-scatter in order to evaluate the tag-to-reader performance.


Similar Part No. - SL3ICS1002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS1002F7AF NXP-SL3ICS1002F7AF Datasheet
254Kb / 51P
   UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3ICS1002FUG NXP-SL3ICS1002FUG Datasheet
254Kb / 51P
   UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
More results

Similar Description - SL3ICS1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER2055 ETC-ER2055 Datasheet
239Kb / 3P
   512 BIT ELECTRICALLY ALTERABLE READ ONLY MEMORY
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Intersil Corporation
IM5600 INTERSIL-IM5600 Datasheet
127Kb / 3P
   256 Bit Bipolar Read Only Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com