Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCGB26M000F3N00R0 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # XRCGB26M000F3N00R0
Description  Small package (2.0x1.6mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

XRCGB26M000F3N00R0 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  XRCGB26M000F3N00R0 Datasheet HTML 1Page - Murata Power Solutions Inc. XRCGB26M000F3N00R0 Datasheet HTML 2Page - Murata Power Solutions Inc. XRCGB26M000F3N00R0 Datasheet HTML 3Page - Murata Power Solutions Inc. XRCGB26M000F3N00R0 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P79E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Crystal Resonator
XRCGB_F_L Series [For Consumer Equipment]
c Features
Available for S-ATA and USB2.0 (High Speed) /
USB3.0 (Super Speed)
Small package (2.0x1.6mm)
Compatible with RoHS directive (phase 3)
c Applications
HDD / SSD /Optical Drive (Available for S-ATA interface)
DSC / Camcorder / USB Flash Drive / Printer / Mobile Phone
etc. (USB2.0 / 3.0)
c Standard Specifications
c Dimensions
c Part Numbering
c Recommendable Land Pattern
e
wr
33M868
F0L00
R0
XRCGB
q
qSeries Name
wNominal Frequency
Frequency is expressed by six-digit alphanumeric.
(example: 33.8688MHz —> 33M868)
eIndividual Specification
With standard products, Individual Specification is "F0L00".
rPackaging
Part Number
Nominal
Frequency
(MHz)
Frequency
Tolerance
(at 25
±3°C)
Equivalent Series
Resistance
(ohm)
Temperature Stability
(Based on +25°C)
Drive Level
(μW)
Load
Capacitance
(pF)
24.0000
25.0000
26.0000
27.0000
30.0000
33.8688
40.0000
48.0000
±100ppm max.
±100ppm max.
±100ppm max.
±100ppm max.
±100ppm max.
±100ppm max.
±100ppm max.
±100ppm max.
150 max.
150 max.
150 max.
150 max.
100 max.
100 max.
100 max.
100 max.
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
±50ppm max. (-30 to +85°C)
300 max.
300 max.
300 max.
300 max.
300 max.
300 max.
300 max.
300 max.
6
6
6
6
6
6
6
6
XRCGB24M000F0L00R0
XRCGB25M000F0L00R0
XRCGB26M000F0L00R0
XRCGB27M000F0L00R0
XRCGB30M000F0L00R0
XRCGB33M868F0L00R0
XRCGB40M000F0L00R0
XRCGB48M000F0L00R0
Operating Temperature Range: -30 to +85°C
(in mm)
2.00
1.30
0.50
0.10
(1)
(2)
(3)
(0.15)
(1): Input/Output
(2): Float
(3): Input/Output
(in mm)
0.75
0.75
0.60


Similar Part No. - XRCGB26M000F3N00R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCGB26M000F3N00R0 MURATA-XRCGB26M000F3N00R0 Datasheet
184Kb / 3P
   the series complies to rohs directive
logo
Murata Manufacturing Co...
XRCGB26M000F3N00R0 MURATA1-XRCGB26M000F3N00R0 Datasheet
295Kb / 15P
   Specification of Crystal Unit
November 15, 2017
XRCGB26M000F3N00R0 MURATA1-XRCGB26M000F3N00R0_V01 Datasheet
295Kb / 15P
   Specification of Crystal Unit
November 15, 2017
More results

Similar Description - XRCGB26M000F3N00R0

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BC2016A XTALTQ-BC2016A Datasheet
206Kb / 2P
   Small size (2.0x1.6mm)
logo
Suzhou HangJing Electro...
XC21M4 HANGJING-XC21M4 Datasheet
319Kb / 1P
   QUARTZ CRYSTAL UNIT IN SMD 2.0X1.6MM CERAMIC SEAM SEAL PACKAGE.
logo
Fox Electronics
C1BS FOX-C1BS Datasheet
272Kb / 2P
   2.0x1.6mm Ceramic SMD Crystal
logo
Nanjing International G...
BAV70 DGNJDZ-BAV70 Datasheet
92Kb / 2P
   Small package
logo
Fox Electronics
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
O1HA FOX-O1HA Datasheet
267Kb / 6P
   2.0x1.6mm Auto Grade Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
   HCMOS 2.0x1.6mm SMD Oscillator
O1HK FOX-O1HK Datasheet
251Kb / 6P
   2.0x1.6mm 32.768kHz SMD Oscillator
logo
Suzhou HangJing Electro...
CO21H4 HANGJING-CO21H4 Datasheet
447Kb / 1P
   OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 2.0X1.6MM CERAMIC SEAM SEAL PACKAGE.
logo
Fox Electronics
F110 FOX-F110 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 1.8V SMD Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com