Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5223BS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMSZ5223BS
Description  200mW Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5223BS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5223BS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5223BS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5223BS Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5262BS
FEATURES
Planar die construction
Pb
Lead-free
General purpose, medium current
Ideally suited for automated assembly processes
APPLICATIONS
Zener diode
Ultra-small surface mount package
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF=10mA
VF
0.9
V
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
℃/W
Junction temperature
Tj
150
Storage temperature range
Tstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t ≤1.0ms.
http://www.luguang.cn
Email:lge@luguang.cn
SOD-323
Dimensions in inches and (millimeters)


Similar Part No. - MMSZ5223BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5223BS PANJIT-MMSZ5223BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5223BS LUGUANG-MMSZ5223BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5223BS DIODES-MMSZ5223BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5223BS CHENDA-MMSZ5223BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5223BS DIODES-MMSZ5223BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5223BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com