Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTU1S0509MC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # MTU1S0509MC
Description  Isolated 1W Single & Dual Output SM DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MTU1S0509MC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  MTU1S0509MC Datasheet HTML 1Page - Murata Power Solutions Inc. MTU1S0509MC Datasheet HTML 2Page - Murata Power Solutions Inc. MTU1S0509MC Datasheet HTML 3Page - Murata Power Solutions Inc. MTU1S0509MC Datasheet HTML 4Page - Murata Power Solutions Inc. MTU1S0509MC Datasheet HTML 5Page - Murata Power Solutions Inc. MTU1S0509MC Datasheet HTML 6Page - Murata Power Solutions Inc. MTU1S0509MC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MTU1 Series
Isolated 1W Single & Dual Output SM DC/DC Converters
KDC_MTU.B01 Page 7 of 7
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2012 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
REEL PACKAGING DETAILS
Product Orientation
Pin 1, located nearest to
carrier drive sprocket.
Reel Quantity: 400 pcs.
16.00±0.10 (0.630)
24.00±0.30 (0.945±0.012)
11.50±0.1
(0.453)
1.75±0.1
(0.069)
2.00±0.1 (0.079)
4.00±0.1 (0.157)
9.00±0.1
8.50±0.1 (0.335)
8.70±0.1
(0.343)
01.50+0.10
-0.00 (00.059
+0.004
-0.000)
0.50±0.05 (0.020)
TRAILER SECTION
160 (6.30) MIN
LEADER SECTION
400 (15.75) MIN
CARRIER TAPE START
100 (3.94) MIN
GOODS
ENCLOSURE
SECTION
330
(12.99) MAX
100
(3.94) MIN
13.00±0.25
(0.51±0.009)
Ø
Ø


Similar Part No. - MTU1S0509MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTU1S0509MC MURATA-PS-MTU1S0509MC Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
MTU1S0509MC MURATA-MTU1S0509MC Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1S0509MC MURATA-PS-MTU1S0509MC Datasheet
284Kb / 10P
   Isolated 1W Single & Dual Output SM DC-DC Converters
2023
More results

Similar Description - MTU1S0509MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTA CANDD-NTA Datasheet
146Kb / 2P
   Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Manufacturing Co...
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com