Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324SG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LMV324SG-7
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV324SG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button LMV324SG-7 Datasheet HTML 2Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 3Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 4Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 5Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 6Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 7Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 8Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 9Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/358/324
Document number: DS33196 Rev. 6 - 2
6 of 16
www.diodes.com
February 2011
© Diodes Incorporated
0.0
0.2
0.4
0.8
0.10
0.12
0.14
0.16
0.18
0.24
0.22
0.20
0.6
1
2
03
5
4
Supply Voltage (V)
Typical Performance Characteristics
Unless otherwise specified, Vs=+5V, single supply, TA=25
oC
Supply Current vs. Supply Voltage
Output Voltage Swing vs. Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
RL=10Kohm
Supply Voltage (V)
Positive Swing
Negative Swing
PSRR vs. Frequency
CMRR vs. Frequency
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
Frequency (Hz)
Vs = 5V
RL = 10Kohm
100
1k
10k
100k
1M
30
40
50
60
70
80
90
100
Frequency (Hz)
Vs = 5V
VIN = Vs / 2
RL = 5Kohm
CMRR vs. Input Common Mode Voltage
∆Vos vs. CMR
30
40
50
60
70
80
90
-0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Common-mode input voltage (V)
2.7V supply
5V supply
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Common-mode input voltage (V)


Similar Part No. - LMV324SG-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324S TI-LMV324S Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV324SG-7

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com