Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF127 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJF127
Description  COMPLEMENTARY SILICON POWER DARLINGTONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF127 Datasheet(HTML) 4 Page - Motorola, Inc

  MJF127 Datasheet HTML 1Page - Motorola, Inc MJF127 Datasheet HTML 2Page - Motorola, Inc MJF127 Datasheet HTML 3Page - Motorola, Inc MJF127 Datasheet HTML 4Page - Motorola, Inc MJF127 Datasheet HTML 5Page - Motorola, Inc MJF127 Datasheet HTML 6Page - Motorola, Inc MJF127 Datasheet HTML 7Page - Motorola, Inc MJF127 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJF122 MJF127
4
Motorola Bipolar Power Transistor Device Data
Figure 6. Typical Small–Signal Current Gain
f, FREQUENCY (kHz)
70
300
30
200
100
50
TC = 25°C
VCE = 4 Vdc
IC = 3 Adc
Figure 7. Typical Capacitance
10,000
VR, REVERSE VOLTAGE (VOLTS)
Cib
Cob
0.1
200
100
1000
500
300
10
30
100
5
1
0.5
2000
3000
5000
10
50
0.2
2
20
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
NPN
MJF122
PNP
MJF127
Figure 8. Typical DC Current Gain
0.1
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.5
3000
1000
10,000
VCE = 4 V
TJ = 150°C
5000
0.3
1
25
°C
– 55
°C
2000
0.7
3
20,000
300
500
5
10
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5 0.7
10
2
5
IC = 2 A
4 A
1
6 A
TJ = 25°C
3
1
20
30
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
3
1
Figure 9. Typical Collector Saturation Region
PNP
NPN
PNP
NPN
1
1000
50
10
5
100
500
2
20
200
20
50
200
3000
1000
10,000
5000
2000
20,000
300
500
2
7
0.1
0.2
0.5
0.3
1
0.7
3
5
10
2
7
VCE = 4 V
TJ = 150°C
25
°C
– 55
°C
IC = 2 A
4 A
6 A
700
7000
3
7
0.3
0.5 0.7
10
2
5
1
20
30
3
7
TJ = 25°C


Similar Part No. - MJF127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF127 ONSEMI-MJF127 Datasheet
155Kb / 7P
   COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A, 100 V, 30 W
April, 2006 ??Rev. 5
logo
New Jersey Semi-Conduct...
MJF127 NJSEMI-MJF127 Datasheet
99Kb / 2P
   Complementary Power Darlingtons
logo
ON Semiconductor
MJF127G ONSEMI-MJF127G Datasheet
155Kb / 7P
   COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A, 100 V, 30 W
April, 2006 ??Rev. 5
More results

Similar Description - MJF127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_12 Datasheet
118Kb / 7P
   Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
BDV65B ONSEMI-BDV65B_08 Datasheet
112Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
September, 2008 ??Rev. 13
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com