Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP14N60E Datasheet(PDF) 5 Page - Motorola, Inc

Part # MGP14N60E
Description  Insulated Gate Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGP14N60E Datasheet(HTML) 5 Page - Motorola, Inc

  MGP14N60E Datasheet HTML 1Page - Motorola, Inc MGP14N60E Datasheet HTML 2Page - Motorola, Inc MGP14N60E Datasheet HTML 3Page - Motorola, Inc MGP14N60E Datasheet HTML 4Page - Motorola, Inc MGP14N60E Datasheet HTML 5Page - Motorola, Inc MGP14N60E Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MGP14N60E
5
Motorola TMOS Power MOSFET Transistor Device Data
PACKAGE DIMENSIONS
CASE 221A–06
TO–220AB
ISSUE Y
STYLE 9:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J


Similar Part No. - MGP14N60E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP14N60E ONSEMI-MGP14N60E Datasheet
121Kb / 5P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
More results

Similar Description - MGP14N60E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com