Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECW Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # ECW
Description  Non-Contacting Magnetic Encoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ECW Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  ECW Datasheet HTML 1Page - Bourns Electronic Solutions ECW Datasheet HTML 2Page - Bourns Electronic Solutions ECW Datasheet HTML 3Page - Bourns Electronic Solutions ECW Datasheet HTML 4Page - Bourns Electronic Solutions ECW Datasheet HTML 5Page - Bourns Electronic Solutions ECW Datasheet HTML 6Page - Bourns Electronic Solutions ECW Datasheet HTML 7Page - Bourns Electronic Solutions ECW Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMS22 Output Waveforms
Quadrature: This output waveform is the
most common among all contacting and non-
contacting encoders. Quadrature, also known as
2-bit quadrature or incremental, is often used to
determine magnitude (count) and direction (up/
down) by an external interface circuit. EMS22
comes equipped with such capability; an external
interface circuit is not required. It also offers an
indexed output with an adjustable width of one or
three times the absolute position value that can be
used for counting the shaft rotation.
Direction/Step: This output is very similar to the
quadrature waveform but offers up to 512 PPR, as
opposed to 256 PPR in quadrature. This output can
be used in incremental counting applications where
a better resolution is desired. Indexing output is also
available with a Direction/Step output waveform.
Absolute: Absolute output refers to the absolute
angular position. This type of output is especially
useful for applications where the absolute position
of a device, such as a camera, is necessary to locate
an object. Also with 1024 distinct angular positions,
the EMS22 offers very high resolution indexing at
every 0.35 °. This type of output code is not affected
by a power outage to the encoder since each angular
position of the encoder has a unique code.
PWM: Pulse-Width Modulation is another form
of absolute waveform that utilizes the square wave
output generated by the sensor to control the
duty cycle of the output at different desired shaft
positions. The EMS22 encoder can generate pulse
widths as low as 1 µs, and as high as 1024 µs in a
complete signal period of 1025 µs. Some advantages
of using this output waveform over other output
types include immunity to noise and faster data
acquisition.
Figure 2: AS5040 ASSP in Two Different States


Similar Part No. - ECW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ECW BOURNS-ECW Datasheet
456Kb / 3P
   Digital Contacting Encoder
ECW BOURNS-ECW Datasheet
251Kb / 3P
   Digital Contacting Encoder
logo
SpectraLinear Inc
ECW-181B SPECTRALINEAR-ECW-181B Datasheet
221Kb / 2P
   3.5??WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5?쒭rive Bays Inside
ECW-181BS1 SPECTRALINEAR-ECW-181BS1 Datasheet
221Kb / 2P
   3.5??WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5?쒭rive Bays Inside
ECW-181BS1WD SPECTRALINEAR-ECW-181BS1WD Datasheet
221Kb / 2P
   3.5??WAFER Series Fanless Embedded System With CompactFlash Slot and two 2.5?쒭rive Bays Inside
More results

Similar Description - ECW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
   Non-Contacting PWM Encoder
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
EMS22Q BOURNS-EMS22Q_14 Datasheet
351Kb / 5P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A_13 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22A50-B28-LS6 BOURNS-EMS22A50-B28-LS6 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
AMS22B_MDS BOURNS-AMS22B_MDS Datasheet
891Kb / 5P
   Analog Magnetic Non-Contacting
EMS22D BOURNS-EMS22D_14 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
EMS22D BOURNS-EMS22D Datasheet
331Kb / 4P
   Non-Contacting Direction/Step Encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com