Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTCV107MA19 Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LTCV107MA19
Description  Ceramic Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LTCV107MA19 Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LTCV107MA19 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd LTCV107MA19 Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
7 RECOMMENDED
LAND
PATTERN
AND
REFLOW
SOLDERING
STANDARD CONDITIONS
7.1
Recommended land pattern
2.9± 0.3
2.9± 0.3
1.5± 0.3
1.5± 0.3
1.5± 0.3
7.2Recommended reflow soldering standard conditions
within 10 sec
220~230℃
within
80-120sec.
within
20-40sec
Pre-heating
100
150
200
LTCV107MA19
Ceramic Filter
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LTCV107MA19

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LTCV107MA5 LUGUANG-LTCV107MA5 Datasheet
174Kb / 8P
   ceramic filter
More results

Similar Description - LTCV107MA19

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com