Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT450HTU Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT450HTU
Description  Ceramic Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT450HTU Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT450HTU Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT450HTU Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT450HTU Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
6-4
TEMPERATURE CYCLING
SUBJECT THE FILTER TO ALOW TEMPERATURE OF -55℃ FOR 30
MINUTES. FOLLOWSING BY A HIGH TEMPERATURE OF +85℃ FOR 30
MINUTES. THEN RELEASE THE FILTER INTO THE ROOM CONDITIONS
FOR 1 TO 2 HOURS PRIOR TO THE MESUREMENT. IT SHALL MEET THE
SPECIFICATIONS IN TABLE 1.
6-5
RESISTANCE TO SOLDER HEAT
DIP THE FILTER TERMINALS NO CLOSER THAN 1.5mm INTO THE
SOLDER BATH AT 270℃ ±10℃ FOR 10±1 SEC. THEN RELEASE THE
FILTER IN TO THE ROOM CONDITIONS FOR 1 TO 2 HOURS. THE
FILTER SHALL MEET THE SPECIFICATIONS IN TABLE 1.
6-6
MECHANICAL SHOCK
DROP THE FIL TER RANDOMLY ONTO THE CONCRETE FLOOR FROM
THE HEIGHT OF 30cm 3 TIMES.THE FILTER SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-7
VIBRATION
SUBJECT THE FILTER TO THE
VIBRATION FOR 1 HOUR EACH IN X,Y
AND Z AXES WITH THE AMPLITUDE OF 1.5mm AT 10 TO 55Hz. THE
FILTER SHALL FULFILLTHE SPECIFICATIONS IN TABLE 1.
6-8
LEAD FATIGUE
6-8-1 PULLING TEST
WEIGHT ALONG WITH THE DIRECTION OF LEAD WITHOUT AN
SHOCK 3 KG. THE FILTER SHALL SATISFY ALL THE INITIALL
CHARACTERISTICS.
6-8-2 BENDING TEST
LEAD SHALL BE SUBJECT TO WITHSTAND AGAINST 90℃
BENDING IN THE DERECTION OF THICKNESS. THIS OPERATION
SHALL BE DONE TOWARD BOTH DIRECTION.THE FIL TER
SHALL SHOW NOEVIDENCE OF DAMAGE AND SHALL SATISFY
ALL THE INITIAL ELECTRIC AL CHARACTERISTICS.
TABLE 1
ITEM
SPECIFICATION
CENTRE FREQUENCY(f。)
45
0±1.0 KHz Max
BAND WIDTH(6 dB)
±3.0 KHz Min
SELECTIVITY(40 dB)
±9.0 KHz Max
STOP BAND ATTENUATION
35 dB Min
RIPPLE
2.0 dB Max
INSERTION LOSS
6.0 dB Max
LT450HTU
Ceramic Filter


Similar Part No. - LT450HTU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT450HTU AURIS-LT450HTU Datasheet
130Kb / 1P
   Filter THT
logo
Shoulder Electronics Li...
LT450HTU SHOULDER-LT450HTU Datasheet
91Kb / 2P
   CERAMIC FILTER
logo
auris-GmbH
LT450HTU AURIS-LT450HTU Datasheet
196Kb / 1P
   Filter THT, Ceramic
logo
Fronter Electronics Co....
LT450HTU FRONTER-LT450HTU Datasheet
186Kb / 1P
   21 PIN Version 8.0x7.0x8.0 mm
logo
Transko Electronics, In...
LT450HTU TRANSKO-LT450HTU Datasheet
284Kb / 2P
   CERAMIC FILTER (3pins)
Rev 3: 02-10-2023
More results

Similar Description - LT450HTU

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com