Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGER3001 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LGER3001
Description  SAW Resonator 315.000MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LGER3001 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LGER3001 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LGER3001 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LGER3001 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LGER3001 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Characteristic
Sym
Minimum
Typical
Maximum
Unit
Absolute Frequency
fC
314.925
315.075
MHz
Center Frequency
(+25℃)
Tolerance from 315.000MHz
fC
±
75
kHz
Insertion Loss
IL
1.3
1.8
dB
Unloaded Q
QU
11,950
Quality Factor
50  Loaded Q
QL
1,650
Turnover Temperature
T0
25
55
Turnover Frequency
f0
fC
kHz
Temperature
Stability
Frequency Temperature Coefficient
FTC
0.032
ppm/℃2
Frequency Aging
Absolute Value during the First Year
fA
10
ppm/yr
DC Insulation Resistance Between Any Two Terminals
1.0
M
Motional Resistance
RM
16
23
Motional Inductance
LM
96.7546
H
Motional Capacitance
CM
2.6411
fF
RF Equivalent
RLC Model
Shunt Static Capacitance
C0
2.60
2.85
3.10
pF
RoHS Compliant
Electrostatic Sensitive Device
1. Unless noted otherwise, case temperature TC = +25°C±2°C.
2. The center frequency, fC, is measured at the minimum insertion loss point with the resonator in the 50Ω test system.
3. Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for
prolonged temperatures above +65°C. Typically, aging is greatest the first year after manufacture, decreasing in
subsequent years.
4. Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any
case temperature, TC, may be calculated from: f = fO [1 - FTC (TO - TC)2].
5. This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for
reference only. The capacitance CO is the static capacitance between the two terminals measured at low frequency
(10MHz) with a capacitance meter. The measurement includes case parasitic capacitance.
Test Circuit
Temperature Characteristics
LGE R3001
SAW Resonator 315.000MHz


Similar Part No. - LGER3001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGER4001 LUGUANG-LGER4001 Datasheet
591Kb / 5P
   SAW Resonator
LGER4003 LUGUANG-LGER4003 Datasheet
462Kb / 4P
   SAW Resonator
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
   SAW resonator
LGER433.92M LUGUANG-LGER433.92M Datasheet
314Kb / 4P
   SAW resonator
LGER433A LUGUANG-LGER433A Datasheet
234Kb / 2P
   SAW Resonator
More results

Similar Description - LGER3001

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com