Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63031DSKRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS63031DSKRG4
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63031DSKRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS63031DSKRG4 Datasheet HTML 2Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 3Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 4Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 5Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 6Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 7Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 8Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 9Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS63030
TPS63031
SLVS696B – OCTOBER 2008 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
DESCRIPTION
FIGURE
vs Input voltage (TPS63030, VOUT = 2.5 V / VOUT = 4.5 V)
1
Maximum output current
vs Input voltage (TPS63031, VOUT = 3.3V)
2
vs Output current (TPS63030, Power Save Enabled, VOUT = 2.5 V / VOUT = 4.5 V)
3
vs Output current (TPS63030, Power Save Disabled, VOUT = 2.5V / VOUT = 4.5V)
4
vs Output current (TPS63031, Power Save Enabled, VOUT = 3.3V)
5
vs Output current (TPS63031, Power Save Disabled, VOUT = 3.3V)
6
vs Input voltage (TPS63030, Power Save Enabled, VOUT = 2.5V, IOUT = {10; 100;
7
500 mA})
vs Input voltage (TPS63030, Power Save Enabled, VOUT = 4.5V, IOUT = {10; 100;
8
500 mA})
Efficiency
vs Input voltage (TPS63030, Power Save Disabled, VOUT = 2.5V, IOUT = {10; 100;
9
500 mA})
vs Input voltage (TPS63030, Power Save Disabled, VOUT = 4.5V, IOUT = {10; 100;
10
500 mA})
vs Input voltage (TPS63031, Power Save Enabled, VOUT = 3.3V, IOUT = {10; 100;
11
500 mA})
vs Input voltage (TPS63031, Power Save Disabled, VOUT = 3.3V, IOUT = {10; 100;
12
500 mA})
vs Output current (TPS63030, VOUT = 2.5 V)
13
Output voltage
vs Output current (TPS63030, VOUT = 4.5 V)
14
vs Output current (TPS63031, VOUT = 3.3V)
15
Load transient response (TPS63031, VIN < VOUT, Load change from 40% to 60% of
16
max)
Load transient response (TPS63031, VIN > VOUT, Load change from 40% to 60% of
17
max)
Waveforms
Line transient response (TPS63031, VOUT = 3.3V, Iout = 300 mA)
18
Startup after enable (TPS63031, VOUT = 3.3V, VIN = 2.4V, Iout = 300mA)
19
Startup after enable (TPS63031, VOUT = 3.3V, VIN = 4.2V, Iout = 300mA)
20
6
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS63030 TPS63031


Similar Part No. - TPS63031DSKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63031DSKRG4 TI-TPS63031DSKRG4 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKRG4 TI-TPS63031DSKRG4 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Similar Description - TPS63031DSKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com