Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

414305-1 Datasheet(PDF) 9 Page - Texas Instruments

Part # 414305-1
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

414305-1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 414305-1 Datasheet HTML 5Page - Texas Instruments 414305-1 Datasheet HTML 6Page - Texas Instruments 414305-1 Datasheet HTML 7Page - Texas Instruments 414305-1 Datasheet HTML 8Page - Texas Instruments 414305-1 Datasheet HTML 9Page - Texas Instruments 414305-1 Datasheet HTML 10Page - Texas Instruments 414305-1 Datasheet HTML 11Page - Texas Instruments 414305-1 Datasheet HTML 12Page - Texas Instruments 414305-1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
www.ti.com
4
TLV320AIC3104EVM Software
4.1
Device Selection for Operation With AIC3104EVM
4.2
Interface Selection
TLV320AIC3104EVM Software
The following section discusses the details and operation of the EVM software.
Note:
For configuration of the codec, the TLV320AIC3104 block diagram located in the
TLV320AIC3104 data sheet is a good reference to help determine the signal routing.
The software that is installed provides operation for several devices. An initial window should appear that
looks like Figure 3. For operation with the TLV320AIC3104EVM, the user should select AIC3104 from the
pulldown menu and click Accept. The software will take a few seconds to configure the software for
operation before proceeding. A progress bar should appear and show the status of the configuration.
Figure 3. Device Selection Window
When the program first starts up, a small window (Figure 4) appears that gives two choices for the control
interface: IC or SPI. Click on the interface that will be used by the EVM, as selected by the jumper settings
detailed in Table 2. The setting of J10 should agree with the selection. 2C interface is the default interface
used by the EVM.
Figure 4. Interface Selection Window
If the I2C interface is selected, a second window then appears which allows for selecting the address of
the TLV320AIC3104. This window (see Figure 5) has two sliders for setting the state of A0 and A1. To
allow proper communication with the EVM, these should match the settings of J11 and J12 (Table 2).
When A0 and A1 are adjusted, the correct device address will be shown. Note that the actual I2C address
shown and the address for the software may be different. This is done for programming reasons and the
correct address should be used for system development .
SLAU218 – August 2007
TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
9
Submit Documentation Feedback


Similar Part No. - 414305-1

ManufacturerPart #DatasheetDescription
logo
Lumberg
414301 LUMBERG-414301 Datasheet
945Kb / 3P
   Shorting links, pitch 2.5/2.54 mm
More results

Similar Description - 414305-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
   License - VLC-PDK-MWX-P
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
   VLC-PDK-CIT-USB
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
   License - VLC-OEM-PDK-MWX-USB
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-P
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
   License - VLC-PDK-CIT-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
   License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-MWX-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-USB
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com