Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

929950-00 Datasheet(PDF) 1 Page - Texas Instruments

Part # 929950-00
Description  TPS63000EVM-148
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

929950-00 Datasheet(HTML) 1 Page - Texas Instruments

  929950-00 Datasheet HTML 1Page - Texas Instruments 929950-00 Datasheet HTML 2Page - Texas Instruments 929950-00 Datasheet HTML 3Page - Texas Instruments 929950-00 Datasheet HTML 4Page - Texas Instruments 929950-00 Datasheet HTML 5Page - Texas Instruments 929950-00 Datasheet HTML 6Page - Texas Instruments 929950-00 Datasheet HTML 7Page - Texas Instruments 929950-00 Datasheet HTML 8Page - Texas Instruments 929950-00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Introduction
1.1
Background
1.2
Performance Specification
User's Guide
SLVU156 – March 2006
TPS63000EVM-148
This
User’s
Guide
describes
the
characteristics,
operation,
and
use
of
the
TPS63000EVM evaluation module (EVM). This EVM is designed to help the user easily
evaluate and test the operation and functionality of the TPS63000. This User’s Guide
includes setup instructions for the hardware, a schematic diagram, a bill of materials
(BOM), and PCB layout drawings for the evaluation module.
Contents
1
Introduction
.......................................................................................... 1
2
Setup and Results
.................................................................................. 2
3
Board Layout
........................................................................................ 6
4
Schematic and Bill of Materials
................................................................... 8
List of Figures
1
Turn ON into Electronic Load
..................................................................... 3
2
Output Ripple Vin 3.0 V
............................................................................ 4
3
Output Ripple Vin 4.0 V
............................................................................ 4
4
Efficiency Over Li-Ion Cell Range
................................................................ 5
5
Load Step 100 mA to 500 mA
.................................................................... 5
6
Assembly Layer
..................................................................................... 6
7
Top Layer Routing
.................................................................................. 7
8
Bottom Layer Routing
.............................................................................. 7
9
TPS63000EVM-148 Schematic
................................................................... 8
List of Tables
1
Performance Specification Summary
............................................................ 2
2
TPS63000EVM-148 Bill of Materials
............................................................. 9
The Texas Instruments TPS63000 is a high efficient single inductor buck-boost converter in a 10-pin,
3-mm
× 3-mm QFN package. Both fixed and adjustable output voltage units are available.
The TPS63000EVM-148 uses the TPS63000 adjustable version, and is set to 3.3-V output. The EVM
operates with full-rated performance with an input voltage between 3.0 V and 5.5 V.
Table 1 provides a summary of the TPS63000EVM-148 performance specifications. All specifications are
given for an ambient temperature of 25
°C.
SLVU156 – March 2006
TPS63000EVM-148
1
Submit Documentation Feedback


Similar Part No. - 929950-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
929950-00 TI1-929950-00 Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
929950-00 TI1-929950-00 Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
929950-00 TI1-929950-00 Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
929950-00 TI1-929950-00 Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
929950-00 TI1-929950-00 Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
More results

Similar Description - 929950-00

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UCA0125 ULTRALIFE-UCA0125 Datasheet
527Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev B
UCA0126 ULTRALIFE-UCA0126 Datasheet
541Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev A
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
Ultralife Corporation.
MRC-42 ULTRALIFE-MRC-42 Datasheet
734Kb / 2P
   Charger/Power System for the AN/PRC-148 (MBITR)
7 March 2016 Rev A
logo
Molex Electronics Ltd.
0473093751 MOLEX6-0473093751 Datasheet
168Kb / 4P
   1.10mm (.043") Pitch microSD Card Header, with Detect Switch, Height 3.75mm (.148"), Lead free
logo
Schneider Electric
RMPT20BD SCHNEIDER-RMPT20BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Universal Pt100 probes, temperature transmitter, 100...100째C/148...212 째F
RMPT23BD SCHNEIDER-RMPT23BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Optimum Pt100 probes, temperature transmitter, 100...100 째C/148...212 째F
logo
Ultralife Corporation.
MRC-171 ULTRALIFE-MRC-171 Datasheet
420Kb / 1P
   The MRC-171 AN/PRC-148 MBITR battery charger adapter allows the safe charging/discharging of one or two batteries simultaneously
Rev: B
logo
Molex Electronics Ltd.
0879590007 MOLEX10-0879590007 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.75mm (.148) Tail Length, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com