Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

929950-00 Datasheet(PDF) 1 Page - Texas Instruments

Part # 929950-00
Description  TPS62090EVM-063 Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

929950-00 Datasheet(HTML) 1 Page - Texas Instruments

  929950-00 Datasheet HTML 1Page - Texas Instruments 929950-00 Datasheet HTML 2Page - Texas Instruments 929950-00 Datasheet HTML 3Page - Texas Instruments 929950-00 Datasheet HTML 4Page - Texas Instruments 929950-00 Datasheet HTML 5Page - Texas Instruments 929950-00 Datasheet HTML 6Page - Texas Instruments 929950-00 Datasheet HTML 7Page - Texas Instruments 929950-00 Datasheet HTML 8Page - Texas Instruments 929950-00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
User's Guide
SLVU670A – March 2012 – Revised May 2012
TPS62090EVM-063 Evaluation Module
This user’s guide describes the TPS62090 evaluation module (EVM) and how to perform a stand-alone
evaluation or interface with a host or system. The TPS62090 is a step-down converter that operates with
an input voltage between 2.5 V and 6 Vdc, an output voltage of 1.8 V using external resistors, and can
deliver up to 3000 mA of continuous current. The converter has a programmable soft-start, a power-out
good status, and several other safety features. See the data sheet for the complete description.
Contents
1
Introduction
.................................................................................................................. 2
2
Considerations When Evaluating the TPS62090
....................................................................... 2
3
Test Summary
............................................................................................................... 2
3.1
Equipment
........................................................................................................... 2
3.2
Equipment and EVM Setup
....................................................................................... 2
3.3
Test Procedure
..................................................................................................... 3
4
Waveforms
................................................................................................................... 4
5
Schematic, Printed-Circuit Board, and Bill of Materials
................................................................ 8
5.1
Schematic
........................................................................................................... 8
5.2
Printed-Circuit Board Layouts
.................................................................................... 9
5.3
Bill of Materials
.................................................................................................... 10
List of Figures
1
EVM Schematic and Evaluation Setup
................................................................................... 3
2
Typical Switching Waveforms
............................................................................................. 4
3
Typical Switching Waveforms
............................................................................................. 5
4
Low-Power Mode, 25-
Ω Load – Shows Burst Low-Power Mode
.................................................... 5
5
Power Up by Powering Laboratory Supply Connected to Vin
........................................................ 6
6
Power Up by Hot Plugging Vin
............................................................................................ 6
7
Power Up by Enable Pin Pulled High
.................................................................................... 7
8
Power Down by Enable Pulled Low
...................................................................................... 7
9
Assembly Layer
............................................................................................................. 9
10
Top Layer
................................................................................................................... 9
11
Bottom Layer
.............................................................................................................. 10
List of Tables
1
Setup I/O Connections and Configuration for TPS62090EVM Evaluation
.......................................... 2
2
PWR063A Bill of Materials
.............................................................................................. 10
1
SLVU670A – March 2012 – Revised May 2012
TPS62090EVM-063 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - 929950-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
929950-00 TI1-929950-00 Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
929950-00 TI1-929950-00 Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
929950-00 TI1-929950-00 Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
929950-00 TI1-929950-00 Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
929950-00 TI1-929950-00 Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
More results

Similar Description - 929950-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com