Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142-0711-201 Datasheet(PDF) 7 Page - Texas Instruments

Part # 142-0711-201
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

142-0711-201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 142-0711-201 Datasheet HTML 3Page - Texas Instruments 142-0711-201 Datasheet HTML 4Page - Texas Instruments 142-0711-201 Datasheet HTML 5Page - Texas Instruments 142-0711-201 Datasheet HTML 6Page - Texas Instruments 142-0711-201 Datasheet HTML 7Page - Texas Instruments 142-0711-201 Datasheet HTML 8Page - Texas Instruments 142-0711-201 Datasheet HTML 9Page - Texas Instruments 142-0711-201 Datasheet HTML 10Page - Texas Instruments 142-0711-201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
20 ms/div
www.ti.com
Test Results
Figure 5 shows the LDO output voltage turn-on of TPS54120 from SW enable for the TPS54120EVM with
Vin = 12V, SW OUT = 4.1V, LDO OUT = 3.3V, and Iout = 400mA, Fswitching = 480kHz.
Figure 5. LDO Output Voltage Turn-on, SW Enable
4.4
Load Transient
Figure 6 shows the TPS54120 response to load transients. The current step is from 30% to 75% of the
maximum rated load at 12 V input. Total peak-to-peak voltage variation is as shown, including ripple and
noise on the output of both the switcher and the LDO.
Figure 6. TPS54120 Transient Response
7
SLVU641
– January 2012
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - 142-0711-201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
142-0711-201 TI1-142-0711-201 Datasheet
473Kb / 14P
[Old version datasheet]   TPS8125xEVM
More results

Similar Description - 142-0711-201

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
   Ultra Low Noise Power Supply Module
03.01.10
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
   2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
   Low Noise, 1A Linear Regulator
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Texas Instruments
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com