Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-10C0512-02 Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10C0512-02
Description  LH series ----is a compact size power converter offered by Mornsun.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10C0512-02 Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  LH10-10C0512-02 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10C0512-02 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
LH05-25
A/3-2012
Page 6 of 8
LH15-10B48
33
SMBJ64A
LH15-10A05
470
470
SMBJ7.0A
SMBJ7.0A
LH15-10A12
220
220
SMBJ20A
SMBJ20A
LH15-10A15
120
120
SMBJ20A
SMBJ20A
LH15-10C0505-05
470
220
220
SMBJ7.0A
SMBJ7.0A
SMBJ7.0A
LH15-10C0512-02
470
120
120
SMBJ7.0A
SMBJ20A
SMBJ20A
LH15-10C0515-02
470
120
120
SMBJ7.0A
SMBJ20A
SMBJ20A
LH15-10C0524-01
470
120
120
SMBJ7.0A
SMBJ30A
SMBJ30A
LH15-10D0505-08
470
470
SMBJ7.0A
SMBJ7.0A
LH15-10D0512-04
470
220
SMBJ7.0A
SMBJ20A
LH15-10D0515-03
470
120
SMBJ7.0A
SMBJ20A
LH15-10D0524-02
470
47
SMBJ7.0A
SMBJ30A
LH20-10B03
330
SMBJ7.0A
LH20-10B05
330
SMBJ7.0A
LH20-10B09
220
SMBJ12A
LH20-10B12
220
SMBJ20A
LH20-10B15
220
SMBJ20A
LH20-10B24
220
SMBJ30A
LH20-10A05
470
470
SMBJ7.0A
SMBJ7.0A
LH20-10A12
120
120
SMBJ20A
SMBJ20A
LH20-10A15
68
68
SMBJ20A
SMBJ20A
LH20-10C0512-04
330
120
120
SMBJ7.0A
SMBJ20A
SMBJ20A
LH20-10C0515-03
330
120
120
SMBJ7.0A
SMBJ20A
SMBJ20A
LH20-10C0524-02
330
47
47
SMBJ7.0A
SMBJ30A
SMBJ30A
LH20-10D0512-06
330
220
SMBJ7.0A
SMBJ20A
LH20-10D0524-03
330
120
SMBJ7.0A
SMBJ30A
LH25-10B03
330
SMBJ7.0A
LH25-10B05
330
SMBJ7.0A
LH25-10B09
330
SMBJ12A
LH25-10B12
330
SMBJ20A
LH25-10B15
330
SMBJ20A
LH25-10B24
120
SMBJ30A
LH25-10B48
68
SMBJ64A
Note:
1. Output filtering capacitors C2, C4 and C6 are electrolytic capacitors, It is recommended to use high frequency and low impedance electrolytic capacitors. For
capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C1,C3,C5 are use to filter high
frequency noise,suggest choose 1
µF. TVS is recommended component to protect post-circuits (if converter fails). External input NTC is recommended to use 5D-9.
2. For standard EMC requirement, please refer to figure 1, figure 2, figure 3 or figure 4, if higher EMC requirement ,please refer to figure 6.
MOV: Varistor, model: 561KD14, it is used to protect the device under surge;
R1 、R2:2
Ω/3W Winding resistor;
R3:1M
Ω/2W;
CY1、CY2、CY3、CY4:102M/400VAC;
CX:224K/275VAC;
LCM:10mH-30mH;
FC-L01D:MORNSUN
’s 2KV/4KV Surge protector.
3. FUSE:LH05 recommended to use 1A/250V,LH10/LH15 recommended to use 2A/250V, LH20/LH25 recommended to use 3.15A/250V.
PCB MOUNTING WITH SOLDER PINS
A
D
8
7
6
5
4
1
2
3
Trim
3
7
6
5
4
1
2
8
Ф1.50[0.059]
3
7
6
5
4
1
2
8
Ф1.50[0.059]
3
8
7
6
5
4
1
2
Trim
Ф1.50[0.059]
3
7
6
5
4
1
2
8
Ф1.50[0.059]
Ф1.00[0.039]
Note:
Unit:mm[inch]
Pin length(H):
Pin
tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.50mm[±0.020inch]
6.00mm[0.236inch]
diameter
L
5 series
H2
L 15 series
H
L
series
H10
L 05 series
H
(Main View)
(Bottom View)
No te: gri d2 .54 *2.54 mm.


Similar Part No. - LH10-10C0512-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10C0512-02 MORNSUN-LH10-10C0512-02 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10C0512-02 MORNSUN-LH10-10C0512-02 Datasheet
1Mb / 7P
   10W, AC-DC converter
More results

Similar Description - LH10-10C0512-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com