Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3104IRHBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3104IRHBR
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3104IRHBR Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC3104IRHBR Datasheet HTML 1Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 2Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 3Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 4Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3104IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
P0048-01
SDA
DVDD
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
32
10
31
11
30
12
29
13
28
14
27
15
26
16
25
MIC1LP/LINE1LP
MIC1LM/LINE1LM
MIC1RP/LINE1RP
MIC1RM/LINE1RM
MIC2L/LINE2L/MICDET
MICBIAS
MIC2R/LINE2R
RHBPACKAGE
(BOTTOMVIEW)
RESET
RIGHT_LOM
RIGHT_LOP
LEFT_LOM
LEFT_LOP
AVSS2
AVDD
TLV320AIC3104
SLAS510C – FEBRUARY 2007 – REVISED DECEMBER 2010
www.ti.com
Table 1. PACKAGING/ORDERING INFORMATION
PACKAGE
OPERATING
ORDERING
TRANSPORT
PRODUCT
PACKAGE
DESIGNATOR
TEMPERATURE
NUMBER
MEDIA, QUANTITY
RANGE
TLV320AIC3104IRHBT
Tape and reel, 250
TLV320AIC3104
QFN-32
RHB
–40°C to 85°C
TLV320AIC3104IRHBR
Tape and reel, 2500
PIN ASSIGNMENTS
NOTE: Connect device thermal pad to DRVSS.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3104


Similar Part No. - TLV320AIC3104IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104IRHBR TI-TLV320AIC3104IRHBR Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104IRHBR TI-TLV320AIC3104IRHBR Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104IRHBR TI1-TLV320AIC3104IRHBR Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104IRHBR TI1-TLV320AIC3104IRHBR Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
More results

Similar Description - TLV320AIC3104IRHBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com