Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3085EDGKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3085EDGKR
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3085EDGKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD3085EDGKR Datasheet HTML 3Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 4Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 5Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 6Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 7Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 8Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 9Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 10Page - Texas Instruments SN65HVD3085EDGKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
V
0
Off
Signal
Generator
50 W
R =110
L
W
C =50pF
L
S1
0Vor3V
3VifTesting A Output
0 VifTestingBOutput
B
D
A
DE
Output
1.5V
DE
Output
3V
tPHZ
VOH
0V
2.5V
1.5V
tPZH
0.5V
1.5V
R =110
L
W
Signal
Generator
5V
S1
DE
0Vor3V
0VifTesting A Output
3 VifTestingBOutput
2.5V
D
DE
Output
1.5V
tPLZ
0.5V
50 W
C =50pF
L
B
A
3V
5V
0V
VOL
Output
tPZL
V
ID
I
O
V
O
Voltage
Source
VO
IOS
50 W
C =15pF
L
Input A
1.5V
B
VID
Signal
Generator
Signal
Generator
A
R
tPHL
0V
VOL
IO
VO
50 W
Output
InputB
VOH
10%
tPLH
tf
50%
90%
tr
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
www.ti.com
SLLS562G – AUGUST 2009 – REVISED MAY 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Driver Enable/Disable Test Circuit and Waveforms, High Output
Figure 6. Driver Enable/Disable Test Circuit and Waveforms, Low Output
Figure 8. Receiver Switching Test Circuit and
Waveforms
Figure 7. Driver Short-Circuit
Figure 9. Receiver Switching Test Circuit and Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN65HVD3085EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3085EDGKR TI-SN65HVD3085EDGKR Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3085EDGKR TI-SN65HVD3085EDGKR Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3085EDGKR TI1-SN65HVD3085EDGKR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3085EDGKR TI-SN65HVD3085EDGKR Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN65HVD3085EDGKRG4 TI-SN65HVD3085EDGKRG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD3085EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com