Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKL25Z32RTLHCCC(R) Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MKL25Z32RTLHCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL25Z32RTLHCCC(R) Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MKL25Z32RTLHCCC(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc MKL25Z32RTLHCCC(R) Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
4.4.1 KL24 Family Features (48 MHz Performance)
Table 3. KL24 48 MHz performance table
MC Partnumber
General
CPU Frequency
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
Pin Count
32
32
48
48
64
64
80
80
Package
QFN
QFN
QFN
QFN
LQFP
LQFP
LQFP
LQFP
Memories and Memory Interfaces
Flash
32KB
64KB
32KB
64KB
32KB
64KB
32KB
64KB
SRAM
4KB
8KB
4KB
8KB
4KB
8KB
4KB
8KB
Cache
64B
64B
64B
64B
64B
64B
64B
64B
Core Modules
Debug
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
Trace
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
NMI
YES
YES
YES
YES
YES
YES
YES
YES
System Modules
Watchdog
YES
YES
YES
YES
YES
YES
YES
YES
PMC
YES
YES
YES
YES
YES
YES
YES
YES
DMA
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
Clock Modules
MCG
FLL, PLL FLL, PLL FLL, PLL FLL, PLL FLL, PLL FLL, PLL FLL, PLL FLL, PLL
OSC (32-40kHz/3-32MHz)
YES
YES
YES
YES
YES
YES
YES
YES
RTC
YES
YES
YES
YES
YES
YES
YES
YES
Analog
Total SE Channels SAR ADC (w
temp sense)
12bit,
1x7ch
12bit,
1x7ch
12bit,
1x13ch
12bit,
1x13ch
12bit,
1x14ch
12bit,
1x14ch
12bit,
1x14ch
12bit,
1x14ch
DP Channels
-
-
-
-
-
-
-
-
SE Channels
7ch
7ch
13ch
13ch
14ch
14ch
14ch
14ch
12-bit DAC
-
-
-
-
-
-
-
-
Analog Comparator
1
1
1
1
1
1
1
1
Analog Comparator Inputs
3
3
4
4
6
6
6
6
Timers
General purpose/PWM
1x6ch
+2x2ch
1x6ch
+2x2ch
1x6ch
+2x2ch
1x6ch
+2x2ch
1x6ch
+2x2ch
1x6ch
+2x2ch
1x6ch
+2x2ch
1x6ch
+2x2ch
Low Power Timer
1
1
1
1
1
1
1
1
Table continues on the next page...
Features
KL24/KL25 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
9
General Business Information


Similar Part No. - MKL25Z32RTLHCCC(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL25Z32VFM4 FREESCALE-MKL25Z32VFM4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
NXP Semiconductors
MKL25Z32VFM4 NXP-MKL25Z32VFM4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL25Z32VFT4 FREESCALE-MKL25Z32VFT4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
NXP Semiconductors
MKL25Z32VFT4 NXP-MKL25Z32VFT4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL25Z32VLH4 FREESCALE-MKL25Z32VLH4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
More results

Similar Description - MKL25Z32RTLHCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com