Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2171AIDCUR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2171AIDCUR
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2171AIDCUR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2171AIDCUR Datasheet HTML 1Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 2Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 3Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 4Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 5Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 6Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 7Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 8Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PackageFootprintComparison(toScale)
PackageHeight
(toScale)
Comparison
D(SO-8)
DBV(SOT23-5)
DRL(SOT553)
OPA171
OPA2171
OPA4171
www.ti.com
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
36V, Single-Supply, SOT553, General-Purpose
OPERATIONAL AMPLIFIERS
Check for Samples: OPA171, OPA2171, OPA4171
1
FEATURES
DESCRIPTION
The OPA171, OPA2171 and OPA4171 (OPAx171)
2
Supply Range: +2.7V to +36V,
±1.35V to ±18V
are
a
family
of
36V,
single-supply,
low-noise
Low Noise: 14nV/
√Hz
operational amplifiers with the ability to operate on
Low Offset Drift:
±0.3µV/°C (typ)
supplies ranging from +2.7V (
±1.35V) to +36V
RFI Filtered Inputs
(
±18V).
These
devices
are
available
in
micro-packages and offer low offset, drift, and
Input Range Includes the Negative Supply
bandwidth with low quiescent current. The single,
Input Range Operates to Positive Supply
dual,
and
quad
versions
all
have
identical
Rail-to-Rail Output
specifications for maximum design flexibility.
Gain Bandwidth: 3MHz
Unlike most op amps, which are specified at only one
Low Quiescent Current: 475
µA per Amplifier
supply voltage, the OPAx171 family is specified from
High Common-Mode Rejection: 120dB (typ)
+2.7V to +36V. Input signals beyond the supply rails
Low Input Bias Current: 8pA
do not cause phase reversal. The OPAx171 family is
stable with capacitive loads up to 300pF. The input
Industry-Standard Packages:
can operate 100mV below the negative rail and within
– 8-Pin SOIC
2V of the top rail during normal operation. Note that
– 8-Pin MSOP
these devices can operate with full rail-to-rail input
– 14-Pin TSSOP
100mV beyond the top rail, but with reduced
microPackages:
performance within 2V of the top rail.
– Single in SOT553
The OPAx171 series of op amps are specified
– Dual in VSSOP-8
from
–40°C to +125°C.
APPLICATIONS
Tracking Amplifier in Power Modules
Merchant Power Supplies
Transducer Amplifiers
Bridge Amplifiers
Temperature Measurements
Strain Gauge Amplifiers
Precision Integrators
Battery-Powered Instruments
Test Equipment
Product Family
DEVICE
PACKAGE
OPA171
SOT553, SOT23-5, SO-8
OPA2171 (dual)
VSSOP-8, SO-8, MSOP-8
OPA4171 (quad)
TSSOP-14, SO-14
Smallest Packaging for 36V Op Amps
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2171AIDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171AIDCUR TI1-OPA2171AIDCUR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA2171AIDCUR TI1-OPA2171AIDCUR Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171AIDCUR TI1-OPA2171AIDCUR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2171AIDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com