Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-1VB1C104K Datasheet(PDF) 10 Page - Texas Instruments

Part # ECJ-1VB1C104K
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ECJ-1VB1C104K Datasheet(HTML) 10 Page - Texas Instruments

Back Button ECJ-1VB1C104K Datasheet HTML 4Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 5Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 6Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 7Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 8Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 9Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 10Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 11Page - Texas Instruments ECJ-1VB1C104K Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Reference
www.ti.com
Table 1. TPA2025D1EVM Bill of Materials (continued)
REF
ITEM
MANU PARTNUM
QTY
VENDOR PARTNUM DESCRIPTION
VENDOR
MANUFACTURER
DESIGNATORS
HEADERS, JACKS, AND SHUNTS
15
26630301RP2
1
AGC
2663S-03
HEADER 3 PIN, PCB 2.0MM ROHS
DIGI-KEY
NORCOMP
16
26630201RP2
1
JP SE
2663S-02
HEADER 2 PIN, PCB 2.0MM ROHS
DIGI-KEY
NORCOMP
17
PJRAN1X1U01X
1
IN
65K7770
JACK, RCA 3-PIN PCB-RA BLACK ROHS
NEWARK
SWITCHCRAFT
18
810-002-SP2L001
2
JP SE, AGC
(1)
SP2-001E
SHUNT, BLACK AU FLASH 2 MM ROHS
DIGI-KEY
NORCOMP
TESTPOINTS AND SWITCHES
KEYSTONE
19
5002
1
FLT OUT-
5002K
PC TESTPOINT, WHITE, ROHS
DIGI-KEY
ELECTRONICS
KEYSTONE
20
5001
2
TP1 GND,TP2 GND
5001K
PC TESTPOINT, BLACK, ROHS
DIGI-KEY
ELECTRONICS
KEYSTONE
21
5000
1
FLT OUT+
5000K
PC TESTPOINT, RED, ROHS
DIGI-KEY
ELECTRONICS
STANDOFFS AND HARDWARE
22
TL1015AF160QG
1
S1
EG4344CT
SWITCH, MOM, 160G SMT 4X3MM ROHS
DIGI-KEY
E-SWITCH
STANDOFF,4-40,0.5INx3/16IN,ALUM RND
KEYSTONE
23
2027
4
SO1,SO2,SO3,SO4
2027K
DIGI-KEY
F-F
ELECTRONICS
GND, VDD, OUT+,
24
111-2223-001
4
J587
BINDING-POST,NONINS,THRU,ROHS
DIGI-KEY
EMERSON NPCS
OUT-
COMPONENTS NOT ASSEMBLED
25
R0603_DNP
2
R7, R8
26
C0603_DNP
2
C4, C6
(1)
Place Shunts Only On Pin2 of JP SE and on Pin3 of AGC
10
TPA2025D1 Audio Power Amplifier Evaluation Module
SLOU310
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - ECJ-1VB1C104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ECJ-1VB1C104K TI-ECJ-1VB1C104K Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Teridian Semiconductor ...
ECJ-1VB1C104K TERIDIAN-ECJ-1VB1C104K Datasheet
816Kb / 19P
   Demo Board User Manual
Rev. 1.3
More results

Similar Description - ECJ-1VB1C104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2 Datasheet
229Kb / 26P
[Old version datasheet]   FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER EVALUATION MODULE
logo
Panasonic Semiconductor
RSN309W44B PANASONIC-RSN309W44B Datasheet
192Kb / 1P
   Audio Power Amplifier Module
logo
Texas Instruments
SLVU006A TI1-SLVU006A Datasheet
388Kb / 28P
[Old version datasheet]   UNIVERSAL OPERATIONAL AMPLIFIER EVALUATION MODULE
logo
Zetex Semiconductors
ZXCD50STEVAL ZETEX-ZXCD50STEVAL Datasheet
810Kb / 11P
   50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
NTE Electronics
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com