Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ151P10 Datasheet(PDF) 7 Page - Rohm

Part # RSJ151P10
Description  Pch 100V 15A Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ151P10 Datasheet(HTML) 7 Page - Rohm

Back Button RSJ151P10 Datasheet HTML 3Page - Rohm RSJ151P10 Datasheet HTML 4Page - Rohm RSJ151P10 Datasheet HTML 5Page - Rohm RSJ151P10 Datasheet HTML 6Page - Rohm RSJ151P10 Datasheet HTML 7Page - Rohm RSJ151P10 Datasheet HTML 8Page - Rohm RSJ151P10 Datasheet HTML 9Page - Rohm RSJ151P10 Datasheet HTML 10Page - Rohm RSJ151P10 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSJ151P10
lElectrical characteristic curves
0
50
100
150
200
250
300
350
400
0
5
10
15
T
a=25ºC
I
D = -15A
I
D = -7.5A
10
100
1000
0.01
0.1
1
10
100
T
a=25ºC
V
GS= -10V
V
GS= -4.5V
V
GS= -4.0V
0
50
100
150
200
-50
0
50
100
150
V
GS = -10V
I
D = -15A
Fig.13 Static Drain - Source On - State
Resistance vs. Drain Current(I)
Junction Temperature : T
j [ºC]
Fig.14 Static Drain - Source On - State
Resistance vs. Junction Temperature
Drain Current : -I
D [A]
Fig.12 Static Drain - Source On - State
Resistance vs. Gate Source Voltage
Gate - Source Voltage : -V
GS [V]
7/12
2012.08 - Rev.A


Similar Part No. - RSJ151P10

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ10HN06 ROHM-RSJ10HN06 Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
More results

Similar Description - RSJ151P10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8JE5 ROHM-SH8JE5 Datasheet
2Mb / 14P
   -100V PchPch Power MOSFET
20230126 - Rev.002
RD3G01BAT ROHM-RD3G01BAT Datasheet
2Mb / 14P
   Pch -40V -15A Power MOSFET
RD3P130SPFRA ROHM-RD3P130SPFRA Datasheet
2Mb / 15P
   Pch -100V -13A Power MOSFET
RF4P025AT ROHM-RF4P025AT Datasheet
2Mb / 14P
   Pch -100V -2.5A Power MOSFET
20221229 - Rev.002
RS1P090AT ROHM-RS1P090AT Datasheet
2Mb / 13P
   Pch -100V -33A Power MOSFET
20230126 - Rev.002
RD3P130SP ROHM-RD3P130SP Datasheet
2Mb / 16P
   Pch -100V -13A Power MOSFET
SP8M51FRA ROHM-SP8M51FRA Datasheet
4Mb / 22P
   100V NchPch Power MOSFET
RQ6P020AT ROHM-RQ6P020AT Datasheet
2Mb / 14P
   Pch -100V -2A Power MOSFET
20230118 - Rev.002
RX3P12BAT ROHM-RX3P12BAT Datasheet
2Mb / 14P
   Pch -100V -120A Power MOSFET
20230203 - Rev.002
SH8M51 ROHM-SH8M51 Datasheet
2Mb / 22P
   100V NchPch Power MOSFET
20190527 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com