Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD201N10 Datasheet(PDF) 10 Page - Rohm

Part # RSD201N10
Description  Nch 100V 20A Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD201N10 Datasheet(HTML) 10 Page - Rohm

Back Button RSD201N10 Datasheet HTML 5Page - Rohm RSD201N10 Datasheet HTML 6Page - Rohm RSD201N10 Datasheet HTML 7Page - Rohm RSD201N10 Datasheet HTML 8Page - Rohm RSD201N10 Datasheet HTML 9Page - Rohm RSD201N10 Datasheet HTML 10Page - Rohm RSD201N10 Datasheet HTML 11Page - Rohm RSD201N10 Datasheet HTML 12Page - Rohm RSD201N10 Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD201N10
lElectrical characteristic curves
10
100
1000
0.1
1
10
100
T
a=25ºC
di / dt = 100A /
ms
V
GS = 0V
Fig23 Reverse Recovery Time
vs.Source Current
Source Current : I
S [A]
10/12
2012.08 - Rev.A


Similar Part No. - RSD201N10

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RSD201N10 DOINGTER-RSD201N10 Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
Rohm
RSD201N10FRA ROHM-RSD201N10FRA Datasheet
519Kb / 16P
   Nch 100V 20A Power MOSFET
More results

Similar Description - RSD201N10

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3P200SNFRA ROHM-RD3P200SNFRA Datasheet
2Mb / 15P
   Nch 100V 20A Power MOSFET
RSD201N10FRA ROHM-RSD201N10FRA Datasheet
519Kb / 16P
   Nch 100V 20A Power MOSFET
SH8KE7 ROHM-SH8KE7 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230209 - Rev.002
HP8KE7 ROHM-HP8KE7 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230328 - Rev.001
SH8KE6 ROHM-SH8KE6 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20220324 - Rev.002
HP8KE6 ROHM-HP8KE6 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230426 - Rev.002
HT8KE5 ROHM-HT8KE5 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230302 - Rev.002
HT8KE6 ROHM-HT8KE6 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230328 - Rev.001
SP8K52FRA ROHM-SP8K52FRA Datasheet
2Mb / 14P
   100V NchNch Middle Power MOSFET
R6020ANX ROHM-R6020ANX_12 Datasheet
1Mb / 14P
   Nch 600V 20A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com