Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZ6A1206GM Datasheet(PDF) 7 Page - Rohm

Part # BZ6A1206GM
Description  0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BZ6A1206GM Datasheet(HTML) 7 Page - Rohm

Back Button BZ6A1206GM Datasheet HTML 3Page - Rohm BZ6A1206GM Datasheet HTML 4Page - Rohm BZ6A1206GM Datasheet HTML 5Page - Rohm BZ6A1206GM Datasheet HTML 6Page - Rohm BZ6A1206GM Datasheet HTML 7Page - Rohm BZ6A1206GM Datasheet HTML 8Page - Rohm BZ6A1206GM Datasheet HTML 9Page - Rohm BZ6A1206GM Datasheet HTML 10Page - Rohm BZ6A1206GM Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/16
Datasheet
BZ6Axx06GM Series
TSZ02201-0F2F0A100020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
24.Jul.2012 Rev.001
www.rohm.com
TSZ22111・15・001
Figure 15. Mode Change Response
MODE : Low to High
Figure 16. Mode Change Response
MODE : High to Low
Figure 13. PWM/PFM Auto mode Operation
Iout=200mA
Figure 14. PWM mode Operation
Iout=200mA
Vout
20mV/div
ac coupled
IOUT
100mA/div
Vout
50mV/div
ac coupled
IOUT
100mA/div
2us
2us
MODE
2V/div
Vout
50mV/div
ac coupled
Vout
50mV/div
ac coupled
MODE
2V/div
10us
10us


Similar Part No. - BZ6A1206GM

ManufacturerPart #DatasheetDescription
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
More results

Similar Description - BZ6A1206GM

ManufacturerPart #DatasheetDescription
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
   600mA, Fully Integrated, Buck Power Supply Module
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
logo
Maxim Integrated Produc...
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
   Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com