Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACX704AKM Datasheet(PDF) 3 Page - Sony Corporation

Part # ACX704AKM
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704AKM Datasheet(HTML) 3 Page - Sony Corporation

  ACX704AKM Datasheet HTML 1Page - Sony Corporation ACX704AKM Datasheet HTML 2Page - Sony Corporation ACX704AKM Datasheet HTML 3Page - Sony Corporation ACX704AKM Datasheet HTML 4Page - Sony Corporation ACX704AKM Datasheet HTML 5Page - Sony Corporation ACX704AKM Datasheet HTML 6Page - Sony Corporation ACX704AKM Datasheet HTML 7Page - Sony Corporation ACX704AKM Datasheet HTML 8Page - Sony Corporation ACX704AKM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
– 3 –
ACX704AKM
Absolute Maximum Ratings (HVSS1, VVSS1 = 0V)
• H driver supply voltage 1
HVDD
–1.0 to +10.5
V
• V driver supply voltage 1
VVDD
–1.0 to +10.5
V
• H driver supply voltage 2
HVSS2
–7.5 to +1.0
V
• V driver supply voltage 2
VVSS2
–7.5 to +1.0
V
• Power-on reset input pin voltage
RESET
–1.0 to +10.5
V
• Vcom input pin voltage
VCOM
–1.0 to +10.5
V
• Reference voltage input pin voltage
V0, V1, V2, V3, V4, V5, V6, V7, V8
–1.0 to +10.5
V
• H driver pulse input pin voltage
HST1, XHST1, HST2, XHST2, HCK1,
–1.0 to +10.5
V
XHCK1, HCK2, XHCK2, OE1, XOE1,
OE2, XOE2, TEST4, TEST5
• V driver pulse input pin voltage
VST, XVST, VCK, XVCK, ENB, XENB,
–1.0 to +10.5
V
TEST6, TEST7
• Data signal input pin voltage
Rnm, XRnm, Gnm, XGnm, Bnm, XBnm
–1.0 to +10.5
V
(n = 0, 1, 2, 3, m = 1, 2)
• Operating temperature
Topr
–10 to +40
°C
• Storage temperature
Tstg
–30 to +60
°C
Power Consumption
Less than 35mW (typ. 20mW) excluding the front light and supporting circuitry on the typical operating condition.


Similar Part No. - ACX704AKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX703AKM ETC2-ACX703AKM Datasheet
38Kb / 2P
   Low Power Consumption and High Picture Quality 2.0-inch 200K-dot Reflective Color LCD
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
   6.92cm Diagonal Reflective Color LCD Module
ACX705AKM SONY-ACX705AKM Datasheet
34Kb / 2P
   Low Temperature Polycrystalline Silicon 6.9 cm (2.7-type) 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter
ACX705AKM SONY-ACX705AKM_1 Datasheet
34Kb / 2P
   Low Temperature Polycrystalline Silicon 6.9 cm (2.7-type) 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
   Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
More results

Similar Description - ACX704AKM

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
logo
Sony Corporation
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
   7.60cm Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
   7.60cm Reflective Color LCD Module
logo
Hantronix,Inc
HDA350T-3S HANTRONIX-HDA350T-3S Datasheet
1Mb / 15P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
   6.92cm Diagonal Reflective Color LCD Module
logo
Hantronix,Inc
HDA570C-G HANTRONIX-HDA570C-G Datasheet
1Mb / 22P
   5.7?? TFT QVGA COLOR LCD DISPLAY MODULE (With Controller)
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
   Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
logo
Sharp Corporation
LM057QC1T01 SHARP-LM057QC1T01 Datasheet
1Mb / 21P
   NEGATIVE MATRIX TYPE COLOR LCD MODULE
logo
Toshiba Semiconductor
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
   5.0 TYPE COLOR TFT-LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com