Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3T16210-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T16210-Q1
Description  20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T16210-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74CB3T16210-Q1 Datasheet HTML 3Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 4Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 5Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 6Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 7Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 8Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 9Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 10Page - Texas Instruments SN74CB3T16210-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
VOH
VOL
CL
(see Note A)
TEST CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
tPLH
tPHL
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOH
VOL
0 V
VOL + V
VOH - V
0 V
Output
Control
(VIN)
VCC
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (tpd(s))
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd(s). The tpd propagation delay is the calculated RC time constant of the typical ON-state resistance
of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
H. All parameters and waveforms are not applicable to all devices.
50
VG1
VCC
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V
CL
2.5 V
± 0.2 V
3.3 V
± 0.3 V
VCC
VI
tPHZ/tPZH
tPLZ/tPZL
tpd(s)
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
Open
Open
2
× VCC
2
× VCC
Open
Open
500
500
500
500
500
500
3.6 V or GND
5.5 V or GND
GND
GND
3.6 V
5.5 V
30 pF
50 pF
30 pF
50 pF
30 pF
50 pF
0.15 V
0.3 V
0.15 V
0.3 V
Output
Control
(VIN)
Input Generator
Input Generator
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VO
SN74CB3T16210-Q1
www.ti.com
SCDS315
– APRIL 2011
PARAMETER MEASUREMENT INFORMATION
Figure 2. Test Circuit and Voltage Waveforms
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74CB3T16210-Q1


Similar Part No. - SN74CB3T16210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results

Similar Description - SN74CB3T16210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_07 Datasheet
218Kb / 15P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI1-SN74CB3T16212_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com