Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR227C104DARTR1 Datasheet(PDF) 7 Page - AVX Corporation

Part # SR227C104DARTR1
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR227C104DARTR1 Datasheet(HTML) 7 Page - AVX Corporation

Back Button SR227C104DARTR1 Datasheet HTML 3Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 4Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 5Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 6Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 7Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 8Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 9Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 10Page - AVX Corporation SR227C104DARTR1 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
21
Radial Leads/SkyCap
®/SL Series
X7R Dielectric
AVX Style
SL15
SL20
SL21
SL22
SL27
SL30
SL40
SL50
AVX “Insertable”
SL07
SL29
SL59
N/A
N/A
SL65
SL75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
200 100 50
200 100
50
200 100
50 100
50
100
50 200 100
50
200 100
50
200
100
50
470
SL-----C471KAA
1000
SL155C102KAA
1500
SL-----C152KAA
2200
SL-----C222KAA
3300
SL-----C332KAA
4700
SL-----C472KAA
6800
SL-----C682KAA
10,000
SL215C103KAA
15,000
SL-----C153KAA
22,000
SL-----C223KAA
33,000
SL-----C333KAA
47,000
SL-----C473KAA
68,000
SL-----C683KAA
100,000
SL215C104KAA
150,000
SL-----C154KAA
220,000
SL215C224KAA
330,000
SL-----C334KAA
390,000
SL-----C394KAA
470,000
SL305C474KAA
1.0 uF
SL305C105KAA
2.2 uF
SL405C225KAA
2.7 uF
SL505C275KAA
4.7 uF
SL505C475KAA
10.0 uF
SL655C106KAA
= Industry preferred values
= Extended range
= Extended range with 0.150" thickness maximum
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)


Similar Part No. - SR227C104DARTR1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR227C104DARTR1 AVX-SR227C104DARTR1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR227C104DARTR1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com