Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28022 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28022
Description  LAUNCHXL-F28027 C2000 Piccolo LaunchPad
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28022 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F28022 Datasheet HTML 6Page - Texas Instruments TMS320F28022 Datasheet HTML 7Page - Texas Instruments TMS320F28022 Datasheet HTML 8Page - Texas Instruments TMS320F28022 Datasheet HTML 9Page - Texas Instruments TMS320F28022 Datasheet HTML 10Page - Texas Instruments TMS320F28022 Datasheet HTML 11Page - Texas Instruments TMS320F28022 Datasheet HTML 12Page - Texas Instruments TMS320F28022 Datasheet HTML 13Page - Texas Instruments TMS320F28022 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SCI_RX
SCI_TX
SPI_CLK
SPI_MISO
SPI_MOSI
SPI_MISO
SPI_MOSI
1.0
Piccolo F2802x
C2000_LaunchPad.sch
TMS320F28027PT
GND
GND
GND
GND GND
2.2u 2.2u
GND GND
FSMJSMA
FSMJSMA
GND
GND
SN74LVC2G07
GND
SN74LVC2G07
GND
GND
219-03
GND
2.2u
GND
2.2u
GND
2.2u
GND
GND
GND
GND
GPIO29/SCITXDA/SCLA/TX3#
1
TRST#
2
XRS#
3
ADCINA6/AIO6
4
ADCINA4/COMP2A/AIO4
5
ADCINA7
6
ADCINA3
7
ADCINA1
8
ADCINA2/COMP1A/AIO2
9
ADCINA0/VREFHI
10
VDDA
11
VSSA/VREFLO
12
ADCINB1
13
ADCINB2/COMP1B/AIO10
14
ADCINB3
15
ADCINB4/COMP2B/AIO12
16
ADCINB6/AIO14
17
ADCINB7
18
GPIO34/COMP2OUT
19
TDI
20
TMS
21
TDO
22
TCK
23
GPIO18/SPICLKA/SCITXDA/XCLKOUT
24
GPIO19/XCLKIN/SPISTEA#/SCIRXDA/ECAP125
GPIO17/SPISOMIA/TZ3# 26
GPIO16/SPISIMOA/TZ2# 27
GPIO1/EPWM1B/COMP1OUT 28
GPIO0/EPWM1A
29
TEST
30
GPIO32/SDAA/EPWMSYNCI/ADCSOCAO#31
VDD1
32
VSS1
33
VREGENZ#
34
VDDIO
35
GPIO33/SCLA/EPWMSYNCO/ADCSOCBO#36
GPIO2/EPWM2A
37
GPIO3/EPWM2B/COMP2OUT 38
GPIO4/EPWM3A
39
GPIO5/EPWM3B/ECAP1 40
GPIO6/EPWM4A/EPWMSYNCI/EPWMSYNCO41
GPIO7/EPWM4B/SCIRXDA 42
VDD2
43
VSS2
44
X1
45
X2
46
GPIO12/TZ1#/SCITXDA 47
GPIO28/SCIRXDA/SDAA/TZ2# 48
U1
C5
C6
S3
S2
1A
1
2A
3
2Y
4
1Y
6
U2
1A
1
2A
3
2Y
4
1Y
6
U3
4
5
6
1
2
3
S1
C19
C20
C21
1
2
3
J3
1
2
3
4
5
6
7
8
9
10
J1
1
2
3
4
5
6
7
8
9
10
J5
1
2
3
4
5
6
7
8
9
10
J6
1
2
3
4
5
6
7
8
9
10
J2
TCK
TDI
TDO
TDO
TMS
SCI_RX
SCI_TX
TRST
TRST
RESET#
RESET#
RESET#
GPIO34
GPIO34
GPIO34
GPIO19
GPIO19
GPIO17
GPIO17
GPIO17
GPIO16
GPIO16
GPIO16
GPIO1
GPIO1
GPIO1
GPIO0
GPIO0
GPIO0
GPIO32
GPIO32
GPIO32
GPIO2
GPIO2
GPIO2
GPIO3
GPIO3
GPIO3
GPIO4
GPIO4
GPIO5
GPIO5
GPIO6
GPIO6
GPIO7
GPIO7
GPIO12
GPIO12
GPIO12
GPIO28
GPIO28
GPIO28
GPIO29
GPIO29
GPIO29
ADCINA6
ADCINA6
ADCINA4
ADCINA4
ADCINA1
ADCINA1
ADCINA2
ADCINA2
ADCINB1
ADCINB1
ADCINB2
ADCINB2
ADCINB4
ADCINB4
ADCINB6
ADCINB6
GPIO18
GPIO18
GPIO33
GPIO33
GPIO33
JTAG_TRST
ADCINA7
ADCINA7
ADCINA3
ADCINA3
ADCINA0
ADCINA0
ADCINB3
ADCINB3
ADCINB7
ADCINB7
1
ON
A
B
C
D
E
A
B
C
D
E
1
2
3
4
5
6
LAUNCHXL-F28027 Hardware
www.ti.com
Figure 3. C2000 LaunchPad Schematic—Sheet 2 of 2
10
LAUNCHXL-F28027 C2000 Piccolo LaunchPad Experimenter Kit
SPRUHH2 – July 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TMS320F28022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28022 TI-TMS320F28022 Datasheet
1,020Kb / 104P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022 TI-TMS320F28022 Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022 TI1-TMS320F28022 Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022 TI1-TMS320F28022 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28022 TI1-TMS320F28022 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
[Old version datasheet]   C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
LAUNCHXL-F28379D TI-LAUNCHXL-F28379D Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
TMS320F2806X TI-TMS320F2806X Datasheet
185Kb / 3P
[Old version datasheet]   15 new C2000 Piccolo MCUs offering fl oating-point precision and increased math capabilities
LAUNCHXL-CC1312R1 TI1-LAUNCHXL-CC1312R1 Datasheet
641Kb / 3P
[Old version datasheet]   TI LaunchPad??kit
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
[Old version datasheet]   LaunchPad Development Kit
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com