Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP2566PT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # VSP2566PT
Description  CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP2566PT Datasheet(HTML) 6 Page - Texas Instruments

Back Button VSP2566PT Datasheet HTML 2Page - Texas Instruments VSP2566PT Datasheet HTML 3Page - Texas Instruments VSP2566PT Datasheet HTML 4Page - Texas Instruments VSP2566PT Datasheet HTML 5Page - Texas Instruments VSP2566PT Datasheet HTML 6Page - Texas Instruments VSP2566PT Datasheet HTML 7Page - Texas Instruments VSP2566PT Datasheet HTML 8Page - Texas Instruments VSP2566PT Datasheet HTML 9Page - Texas Instruments VSP2566PT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ELECTRICAL CHARACTERISTICS: GENERAL
VSP2560
VSP2562
VSP2566
SBES008 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
All specifications at TA = +25°C, all power supply voltages = +3.0 V, and conversion rate = 36 MHz, no load, unless otherwise
noted.
VSP2560PT, VSP2562PT,
VSP2566PT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL-PURPOSE, 8-BIT DAC (CHANNELS A, B)
Minimum output voltage
Input code = 0000 0000
0.1
V
Maximum output voltage
Input code = 1111 1111
2.9
V
Differential nonlinearity (DNL)
At input code = 0Fh to E0h
±0.25
LSB
Integral nonlinearity (INL)
At input code = 0F to E0h
±1
LSB
Offset error
±100
mV
Gain error
±5
%
Monotonicity
Ensured
Minimum load resistance
10
k
Maximum load capacitance
1000
pF
DIGITAL INPUTS
Logic family
CMOS
VT+
Low-to-high threshold voltage
1.7
V
Input voltage
VT–
High-to-low threshold voltage
1.0
V
IIH
Logic high, VIN = +3 V
±20
µA
Input current
IIL
Logic low, VIN = 0 V
±20
µA
Input capacitance
5
pF
Maximum input voltage
–3.0
VCC + 0.3
V
DIGITAL OUTPUTS
Logic family
CMOS
Logic coding
Straight binary
VOH
Logic high
2.4
V
Output voltage
VOL
Logic low
0.4
V
Output data delay code = 00
0
ns
Output data delay code = 01
2
ns
Additional output data delay
Output data delay code = 10
4
ns
Output data delay code = 11
6
ns
POWER SUPPLY
VCC
Supply voltage
2.7
3.0
3.6
V
VDD
Power dissipation
(at 3.0 V, 36 MHz)
86
mW
Clocks (SHP/SHD/ADCCK)
Standby mode power dissipation
6
mW
off mode: (at 3.0 V)
TEMPERATURE RANGE
Operation temperature
–25
+85
°C
Thermal resistance, QFP
θ
JA
100
°C/W
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): VSP2560 VSP2562 VSP2566


Similar Part No. - VSP2566PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2566PT TI1-VSP2566PT Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
More results

Similar Description - VSP2566PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
logo
NXP Semiconductors
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
VSP5010 TI1-VSP5010 Datasheet
711Kb / 25P
[Old version datasheet]   12-Bit, 31-MSPS, Dual-Channel CCD ANALOG FRONT-END FOR DIGITAL COPIERS
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com