Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826AIDGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AIDGK
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AIDGK Datasheet(HTML) 1 Page - Texas Instruments

  INA826AIDGK Datasheet HTML 1Page - Texas Instruments INA826AIDGK Datasheet HTML 2Page - Texas Instruments INA826AIDGK Datasheet HTML 3Page - Texas Instruments INA826AIDGK Datasheet HTML 4Page - Texas Instruments INA826AIDGK Datasheet HTML 5Page - Texas Instruments INA826AIDGK Datasheet HTML 6Page - Texas Instruments INA826AIDGK Datasheet HTML 7Page - Texas Instruments INA826AIDGK Datasheet HTML 8Page - Texas Instruments INA826AIDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
R
G
R
G
+IN
+V
S
V
OUT
REF
1
2
3
4
8
7
6
5
-
IN
-
V
S
MSOP-8,SO-8
INA826
www.ti.com
SBOS562C – AUGUST 2011 – REVISED MARCH 2012
Precision, 200-µA Supply Current, 2.7-V to 36-V Supply
Instrumentation Amplifier with Rail-to-Rail Output
Check for Samples: INA826
1
FEATURES
DESCRIPTION
The INA826 is a low-cost instrumentation amplifier
234
Input Common-Mode Range: Includes V–
that offers extremely low power consumption and
Common-Mode Rejection:
operates over a very wide single or dual supply
104 dB, min (G = 10)
range. A single external resistor sets any gain from 1
to 1000. It offers excellent stability over temperature,
100 dB, min at 5 kHz (G = 10)
even at G > 1, as a result of the low gain drift of only
Power-Supply Rejection: 100 dB, min (G = 1)
35 ppm/°C (max).
Low Offset Voltage: 150 µV, max
The
INA826
is
optimized
to
provide
excellent
Gain Drift: 1 ppm/°C (G = 1), 35 ppm/°C (G > 1)
common-mode rejection ratio of over 100 dB (G = 10)
Noise: 18 nV/
√Hz, G ≥ 100
over frequencies up to 5 kHz. In G = 1, the common-
mode rejection ratio exceeds 84 dB across the full
Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
input common-mode range from the negative supply
Inputs Protected up to ±40 V
all the way up to 1 V of the positive supply. Using a
Rail-to-Rail Output
rail-to-rail output, the INA826 is well-suited for low
voltage operation from a 2.7 V single supply as well
Supply Current: 200 µA
as dual supplies up to ±18 V.
Supply Range:
Additional
circuitry
protects
the
inputs
against
Single Supply: +2.7 V to +36 V
overvoltage of up to ±40 V beyond the power
Dual Supply: ±1.35 V to ±18 V
supplies by limiting the input currents to less than
Specified Temperature Range:
8 mA.
–40°C to +125°C
The INA826 is available in SO-8, MSOP-8, and tiny
Packages: MSOP-8, SO-8 and DFN-8
3-mm × 3-mm DFN-8 surface-mount packages. All
versions are specified for the –40°C to +125°C
APPLICATIONS
temperature range.
Industrial Process Controls
RELATED PRODUCTS
Circuit Breakers
DEVICE
DESCRIPTION
Battery Testers
25-µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO,
INA333
50-µA IQ, chopper-stabilized INA
ECG Amplifiers
20-mV to ±10-V programmable gain IA with 3-V or
Power Automation
PGA280
5-V differential output; analog supply up to ±18 V
Medical Instrumentation
G = 0.2 V differential amplifier for ±10-V to 3-V and
INA159
Portable Instrumentation
5-V conversion
Precision programmable gain op amp with SPI™
PGA112
interface
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
PhotoMOS is a registered trademark of Panasonic Electric Works Europe AG.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA826AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
INA826AIDGKR TI1-INA826AIDGKR Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AIDGKR TI1-INA826AIDGKR Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
More results

Similar Description - INA826AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA823 TI-INA823_V01 Datasheet
3Mb / 40P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
NOVEMBER 2021
INA823 TI-INA823 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
logo
List of Unclassifed Man...
R1524H050B-T1-AE ETC-R1524H050B-T1-AE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Texas Instruments
INA183 TI-INA183 Datasheet
1Mb / 24P
[Old version datasheet]   INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
logo
ON Semiconductor
NCS21911 ONSEMI-NCS21911 Datasheet
1Mb / 22P
   Precision Operational Amplifier, 25 V Offset, Zero-Drift, 36 V Supply, 2 MHz
June, 2020 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1525X NISSHINBO-R1525X Datasheet
3Mb / 36P
   200 mA 42 V Ultra Low Supply Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com